Electronic Components Datasheet Search
  English  ▼

X  

OPA832 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA832
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA832 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA832 Datasheet HTML 15Page - Texas Instruments OPA832 Datasheet HTML 16Page - Texas Instruments OPA832 Datasheet HTML 17Page - Texas Instruments OPA832 Datasheet HTML 18Page - Texas Instruments OPA832 Datasheet HTML 19Page - Texas Instruments OPA832 Datasheet HTML 20Page - Texas Instruments OPA832 Datasheet HTML 21Page - Texas Instruments OPA832 Datasheet HTML 22Page - Texas Instruments OPA832 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
-50
-55
-60
-65
-70
-75
-80
-85
Resistance( )
W
100
1k
G=+2V/V
V =1V
f=5MHz
O
PP
3rd-Harmonic
2nd-Harmonic
OutputVoltageSwing(V
)
PP
0.1
1
10
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
2nd-Harmonic
3rd-Harmonic
G=+2V/V
R =500
f=5MHz
W
L
InputLimited
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
Frequency(MHz)
0.1
1
10
2nd-Harmonic
R =150
L
W
2nd-Harmonic
R =500
L
W
3rd-Harmonic
R =150
L
W
3rd-Harmonic
R =500
L
W
G=+2V/V
V =1V
O
PP
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
Single-ToneLoadPower(dBm)
10MHz
5MHz
20MHz
-26
-23
-20
-17
-14
-11
-8
750W
1/4
OPA4830
P
I
P
O
50W
500W
750W
190
170
150
130
110
90
70
50
30
10
CapacitiveLoad(pF)
1
10
100
1k
0.1dBPeakingTargeted
8
7
6
5
4
3
2
1
0
-1
-2
-3
Frequency(MHz)
1
10
100
200
C =1000pF
L
C =100pF
L
C =10pF
L
750W
R
S
V
I
V
O
50W
1kW
(1)
C
L
750W
NOTE:(1)1k
isoptional.
W
1/4
OPA4830
OPA4830
www.ti.com.................................................................................................................................................... SBOS350A – DECEMBER 2006 – REVISED MAY 2008
TYPICAL CHARACTERISTICS: VS = +3V (continued)
At TA = +25°C, G = +2V/V, and RL = 150Ω to VS/3, unless otherwise noted (see Figure 73).
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 59.
Figure 60.
HARMONIC DISTORTION vs FREQUENCY
TWO-TONE, 3RD-ORDER INTERMODULATION SPURIOUS
Figure 61.
Figure 62.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 63.
Figure 64.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com