Electronic Components Datasheet Search
  English  ▼

X  

VQ100 Datasheet(PDF) 39 Page - Microsemi Corporation

Part # VQ100
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VQ100 Datasheet(HTML) 39 Page - Microsemi Corporation

Back Button VQ100 Datasheet HTML 35Page - Microsemi Corporation VQ100 Datasheet HTML 36Page - Microsemi Corporation VQ100 Datasheet HTML 37Page - Microsemi Corporation VQ100 Datasheet HTML 38Page - Microsemi Corporation VQ100 Datasheet HTML 39Page - Microsemi Corporation VQ100 Datasheet HTML 40Page - Microsemi Corporation VQ100 Datasheet HTML 41Page - Microsemi Corporation VQ100 Datasheet HTML 42Page - Microsemi Corporation VQ100 Datasheet HTML 43Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-23
Table 2-24 • Summary of Maximum and Minimum DC Input and Output Levels Applicable to Commercial and
Industrial Conditions—Software Default Settings
Applicable to Advanced I/O Banks
I/O Standard
Drive
Strength
Equiv.
Software
Default
Drive
Strength
Option1
Slew
Rate
VIL
VIH
VOL
VOH
IOL2 IOH2
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
3.3 V LVTTL /
3.3 V
LVCMOS
12 mA
12 mA High –0.3
0.8
2
3.6
0.4
2.4
12
12
3.3 V
LVCMOS Wide
Range3
100 µA
12 mA High –0.3
0.8
2
3.6
0.2
VCCI – 0.2 0.1 0.1
2.5 V
LVCMOS
12 mA
12 mA High –0.3
0.7
1.7
2.7
0.7
1.7
12
12
1.8 V
LVCMOS
12 mA
12 mA High –0.3 0.35 * VCCI 0.65 * VCCI 1.9
0.45
VCCI – 0.45 12
12
1.5 V
LVCMOS
12 mA
12 mA High –0.3 0.35 * VCCI 0.65 * VCCI 1.575 0.25 * VCCI 0.75 * VCCI 12
12
1.2 V
LVCMOS
2 mA
2 mA
High –0.3 0.35 * VCCI 0.65 * VCCI 1.26 0.25 * VCCI 0.75 * VCCI 2
2
1.2 V
LVCMOS
Wide Range4,5
100 µA
2 mA
High –0.3 0.3 * VCCI
0.7 * VCCI 1.575
0.1
VCCI – 0.1 0.1 0.1
3.3 V PCI
Per PCI specifications
3.3 V PCI-X
Per PCI-X specifications
Notes:
1. Please note that 1.2 V LVCMOS and 3.3 V LVCMOS wide range is applicable to 100 µA drive strength only. The
configuration will NOT operate at the equivalent software.
2. Currents are measured at 85°C junction temperature.
3. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD-8B specification.
4. All LVCMOS 1.2 V software macros support LVCMOS 1.2 V wide range as specified in the JESD8-12 specification.
5. Applicable to devices operating at VCCI ≥ VCC.
6. Output slew rate can be extracted using the IBIS models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com