Electronic Components Datasheet Search
  English  ▼

X  

VQ100 Datasheet(PDF) 98 Page - Microsemi Corporation

Part # VQ100
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VQ100 Datasheet(HTML) 98 Page - Microsemi Corporation

Back Button VQ100 Datasheet HTML 94Page - Microsemi Corporation VQ100 Datasheet HTML 95Page - Microsemi Corporation VQ100 Datasheet HTML 96Page - Microsemi Corporation VQ100 Datasheet HTML 97Page - Microsemi Corporation VQ100 Datasheet HTML 98Page - Microsemi Corporation VQ100 Datasheet HTML 99Page - Microsemi Corporation VQ100 Datasheet HTML 100Page - Microsemi Corporation VQ100 Datasheet HTML 101Page - Microsemi Corporation VQ100 Datasheet HTML 102Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-82
Revision 13
1.2 V DC Core Voltage
Table 2-129 • 3.3 V PCI/PCI-X – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
Std.
0.54
2.41
0.04
0.78
0.38
2.46
1.76
2.89
3.22
4.47
3.77
ns
0.54
–1
0.46
2.05
0.03
0.66
0.33
2.09
1.49
2.46
2.74
3.80
3.21
ns
0.46
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-130 • 3.3 V PCI/PCI-X – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
Std.
0.54
2.08
0.04
0.77
0.38
2.12
1.53
2.51
2.90
4.13
3.55
ns
0.54
–1
0.46
1.77
0.03
0.65
0.33
1.80
1.31
2.14
2.47
3.51
3.02
ns
0.46
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-131 • 3.3 V PCI/PCI-X – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Pro I/O Banks
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
Std.
0.77
2.52
0.05
2.47
3.33
0.50
2.57
1.80
2.95
3.25
4.58
3.81
ns
–1
0.66
2.15
0.04
2.10
2.84
0.43
2.19
1.53
2.51
2.77
3.90
3.24
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-132 • 3.3 V PCI/PCI-X – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
Std.
0.70
2.41
0.05
0.78
0.50
2.46
1.76
2.89
3.22
4.47
3.77
0.73
ns
–1
0.60
2.05
0.04
0.66
0.43
2.09
1.49
2.46
2.74
3.80
3.21
0.62
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-133 • 3.3 V PCI/PCI-X – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
Std.
0.70
2.08
0.05
0.77
0.50
2.12
1.53
2.51
2.90
4.13
3.55
0.73
ns
–1
0.60
1.77
0.04
0.65
0.43
1.80
1.31
2.14
2.47
3.51
3.02
0.62
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com