Electronic Components Datasheet Search
  English  ▼

X  

PS219B2-CS Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS219B2-CS
Description  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS219B2-CS Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS219B2-CS Datasheet HTML 1Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 2Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 3Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 4Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 5Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 6Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 7Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 8Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 9Page - Powerex Power Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Intellimod™ Module
Dual-In-Line Intelligent
Power Module
5 Amperes/600 Volts
PS219B2-S, PS219B2-AS,
PS219B2-CS
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272
www.pwrx.com
1
12/11 Rev. 0
Description:
DIP-IPMs are intelligent power
modules that integrate power
devices, drivers, and protection
circuitry in an ultra compact
dual-in-line transfer-mold package
for use in driving small three
phase motors. Use of 6th
generation CSTBT IGBTs, DIP
packaging, and application specific
HVICs allow the designer to reduce
inverter size and overall design
time.
Features:
£
Compact Packages
£
Single Power Supply
£
Integrated HVICs
£
Direct Connection to CPU
£
Linear, Analog Temperature
Feedback
Applications:
£
Small Servo Motors
£
Small Motor Control
Ordering Information:
PS219B2-S is a 600V, 5 Ampere
short pin DIP Intelligent Power
Module.
PS219B2-AS – long pin type
PS219B2-CS – zigzag pin type
Dim.
Inches
Millimeters
A
1.50±0.02
38.0±0.5
B
0.94±0.02
24.0±0.5
C
0.14
3.5
D
1.40
35.56
E
0.57±0.02
14.4±0.5
F
0.74±0.02
18.9±0.5
G
1.15±0.02
29.2±0.5
H
0.14
3.5
J
0.13
3.3
K
0.016
0.4
L
0.06±0.02
1.5±0.05
M
0.031
0.8
N
1.38±0.019
35.0±0.3
O
0.07±0.008
1.778±0.2
P
0.02
0.5
Q
0.47
12.0
R
0.011
0.28
Dim.
Inches
Millimeters
S
0.1046
2.656
T
0.024
0.6
U
0.1±0.008
2.54±0.2
V
1.33±0.02
33.7±0.5
W
0.1085
2.756
X
0.04
1.0
Y
0.05
1.2
Z
1.40
35.56
AA
0.22±0.02
5.5±0.5
AB
0.37±0.02
9.5±0.5
AC
0 ~ 5°
0 ~ 5°
AD
0.06 Min.
1.5 Min.
AE
0.05
1.2
AF
0.063 Rad.
1.6 Rad.
AG
0.118 Min.
3.0 Min.
AH
0.098 Min.
2.5 Min.
Outline Drawing and Circuit Diagram
D
N
O
P
A
HEATSINK SIDE
B
Q
R
R
T
AG
U
P
P
P
P
AA
AE
AF
AD
AC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
25
24
23
22
21
20
19
18
X
DETAIL “A”
DETAIL “B”
DETAIL "A"
Z
Y
Y
W
DETAIL "C"
S
AH
TERMINAL
NUMBER
HEATSINK
SIDE
E
G
H
M
E
F
V
C
J
L
DETAIL "B"
K
K
K
DETAIL "C"
10 UN
11 VN
12 WN
13 VN1
14 FO
5 UP
6 VP
7 WP
8 VP1
9 VNC*
1-A NC(VNC)
1-B NC(VP1)
2 VUFB
3 VVFB
4 VWFB
20 NU
21 W
22 V
23 U
24 P
15 CIN
16 VNC*
17 VOT
18 NW
19 NV
TERMINAL CODE
*Two VNC terminals (9 & 16) are connected inside DIPIPM, please connect
either one to the 15V power supply GND outside and leave the other one open.
25 NC
AB
PS219B2-S


Similar Part No. - PS219B2-CS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS219B2-CS MITSUBISHI-PS219B2-CS Datasheet
541Kb / 13P
Dual-In-Line Package Intelligent Power Module
PS219B2-CST MITSUBISHI-PS219B2-CST Datasheet
541Kb / 13P
Dual-In-Line Package Intelligent Power Module
logo
Powerex Power Semicondu...
PS219B2-CST POWEREX-PS219B2-CST Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
More results

Similar Description - PS219B2-CS

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21542-G POWEREX-PS21542-G Datasheet
89Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21562 POWEREX-PS21562 Datasheet
83Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21961 POWEREX-PS21961 Datasheet
724Kb / 7P
Dual-In-Line Intelligent Power Module 3 Amperes/600 Volts
PS21962 POWEREX-PS21962 Datasheet
383Kb / 6P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-AS POWEREX-PS219B2-AS Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-AST POWEREX-PS219B2-AST Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CST POWEREX-PS219B2-CST Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com