Electronic Components Datasheet Search
  English  ▼

X  

PS219B2-CS Datasheet(PDF) 10 Page - Powerex Power Semiconductors

Part # PS219B2-CS
Description  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS219B2-CS Datasheet(HTML) 10 Page - Powerex Power Semiconductors

Back Button PS219B2-CS Datasheet HTML 3Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 4Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 5Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 6Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 7Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 8Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 9Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 10Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 11Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PS219B2-S, PS219B2-AS, PS219B2-CS
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
10
12/11 Rev. 0
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272 www.pwrx.com
Protection Function Timing Diagrams
Typical Interface Circuit
Pattern Wiring Around Shunt Resistor
C1
C4
C5
C2
UVDt
C6
C3
SET
RESET
RESET
HIGH LEVEL (NO FAULT OUTPUT)
UVDBr
P-SIDE CONTROL INPUT
PROTECTION
CIRCUIT STATE
CONTROL SUPPLY
VOLTAGE VDB
OUTPUT CURRENT IC
FAULT OUTPUT FO
Under-Voltage Protection (P-side, UVDB)
C1: Control supply voltage rises – After the voltage level reaches UVDBr, the drive circuit begins to work
at the rising edge of the next input signal.
C2: Normal operation – IGBT turn on and conducting current.
C3: Under-voltage trip (UVDBt).
C4: IGBT stays off regardless of the control input level, but there is no FO signal output.
C5: Under-voltage reset (UVDr).
C6: Normal operation – IGBT turn on and conducting current.
UP, VP, WP, UN, VN, WN
MCU
5V LINE
10kΩ
3.3kΩ (MIN)
FO
VNC (LOGIC)
DIPIPM
NOTE: RC coupling at each input
(parts shown dotted) may change
depending on the PWM control
scheme used in the application and
the wiring impedance of the printed
circuit board. The DIPIPM input signal
section integrates a 3.3kΩ (min)
pull-down resistor. Therefore, when
using an external filtering resistor, care
must be taken to satisfy the turn-on
threshold voltage requirement.
5kΩ
TEMPERATURE
SIGNAL
REF
INSIDE LVIC
OF DIPIPM
+
–
VNC
VOT
NOTE: VOT outputs the analog signal that is amplified signal of temperature detecting element on LVIC by inverting amplifier.
It is recommended to insert a 5kΩ pull down resistor to obtain linear output characteristics at lower temperature than room
temperature. When the pull down resistor is inserted between VOT and VNC (GND), the extra current calculated by VOT
output voltage/pull down resistance flows as additional LVIC circuit current continuously.
When the system controller supply is 3.3V, it is recommended to insert clamp Di between VCC (MCU supply) and VOT for
preventing over voltage destruction of the system controller.
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com