Electronic Components Datasheet Search
  English  ▼

X  

LM337LZ Datasheet(PDF) 4 Page - Texas Instruments

Part # LM337LZ
Description  LM337L 3-Terminal Adjustable Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337LZ Datasheet(HTML) 4 Page - Texas Instruments

  LM337LZ Datasheet HTML 1Page - Texas Instruments LM337LZ Datasheet HTML 2Page - Texas Instruments LM337LZ Datasheet HTML 3Page - Texas Instruments LM337LZ Datasheet HTML 4Page - Texas Instruments LM337LZ Datasheet HTML 5Page - Texas Instruments LM337LZ Datasheet HTML 6Page - Texas Instruments LM337LZ Datasheet HTML 7Page - Texas Instruments LM337LZ Datasheet HTML 8Page - Texas Instruments LM337LZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LM337L
SNVS780D – MAY 1998 – REVISED MAY 2013
www.ti.com
Typical Applications
1.2V-25V Adjustable Regulator
Full output current not available at high input-output voltages
†C1 = 1
μF solid tantalum or 10μF aluminum electrolytic required for stability
*C2 = 1
μF solid tantalum is required only if regulator is more than 4″ from power supply filter capacitor
Regulator with Trimmable Output Voltage
Trim Procedure:
—If VOUT is −23.08V or bigger, cut out R3 (if smaller, don't cut it out).
—Then if VOUT is −22.47V or bigger, cut out R4 (if smaller, don't).
—Then if VOUT is −22.16V or bigger, cut out R5 (if smaller, don't).
This will trim the output to well within 1% of
−22.00 VDC, without any of the expense or trouble of a trim pot (see LB-
46). Of course, this technique can be used at any output voltage level.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM337L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com