Electronic Components Datasheet Search
  English  ▼

X  

LM337LZ Datasheet(PDF) 1 Page - Texas Instruments

Part # LM337LZ
Description  LM337L 3-Terminal Adjustable Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337LZ Datasheet(HTML) 1 Page - Texas Instruments

  LM337LZ Datasheet HTML 1Page - Texas Instruments LM337LZ Datasheet HTML 2Page - Texas Instruments LM337LZ Datasheet HTML 3Page - Texas Instruments LM337LZ Datasheet HTML 4Page - Texas Instruments LM337LZ Datasheet HTML 5Page - Texas Instruments LM337LZ Datasheet HTML 6Page - Texas Instruments LM337LZ Datasheet HTML 7Page - Texas Instruments LM337LZ Datasheet HTML 8Page - Texas Instruments LM337LZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM337L
www.ti.com
SNVS780D – MAY 1998 – REVISED MAY 2013
LM337L 3-Terminal Adjustable Regulator
Check for Samples: LM337L
Normally, only a single 1
μF solid tantalum output
1
FEATURES
capacitor is needed unless the device is situated
2
•
Adjustable Output Down to 1.2V
more than 6 inches from the input filter capacitors, in
•
Ensured 100mA Output Current
which case an input bypass is needed. A larger
output capacitor can be added to improve transient
•
Line Regulation Typically 0.01%/V
response. The adjustment terminal can be bypassed
•
Load Regulation Typically 0.1%
to achieve very high ripple rejection ratios which are
•
Current Limit Constant With Temperature
difficult
to
achieve
with
standard
3-terminal
regulators.
•
Eliminates the Need to Stock Many Voltages
•
Standard 3-Lead Transistor Package
Besides replacing fixed regulators, the LM337L is
useful in a wide variety of other applications. Since
•
80 dB Ripple Rejection
the regulator is “floating” and sees only the input-to-
•
Output is Short Circuit Protected
output
differential
voltage,
supplies
of
several
•
Available in the 6-Bump DSBGA Package
hundred volts can be regulated as long as the
maximum input-to-output differential is not exceeded.
•
See AN-1112 (Literature Number SNVA009) for
DSBGA Considerations
Also, it makes an especially simple adjustable
switching regulator, a programmable output regulator,
DESCRIPTION
or by connecting a fixed resistor between the
adjustment and output, the LM337L can be used as a
The LM337L is an adjustable 3-terminal negative
precision current regulator. Supplies with electronic
voltage regulator capable of supplying 100mA over a
shutdown
can
be
achieved
by
clamping
the
1.2V to 37V output range. It is exceptionally easy to
adjustment terminal to ground which programs the
use and requires only two external resistors to set the
output to 1.2V where most loads draw little current.
output voltage. Furthermore, both line and load
regulation are better than standard fixed regulators.
The LM337L is available in a standard TO-92
Also, the LM337L is packaged in a standard TO-92
transistor package, SO-8 surface mount package,
transistor package which is easy to use.
and in our new 12 mil diameter bump DSBGA
package. The LM337L is rated for operation over a
In
addition
to
higher
performance
than
fixed
−25°C to +125°C range.
regulators, the LM337L offers full overload protection.
Included on the chip are current limit, thermal
For applications requiring greater output current in
overload protection and safe area protection. All
excess of 0.5A and 1.5A, see LM137 series data
overload protection circuitry remains fully functional
sheets. For the positive complement, see series
even if the adjustment terminal is disconnected.
LM117 and LM317L data sheets.
Typical Application
1.2V-25V Adjustable Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM337LZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337LZ NSC-LM337LZ Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM337LZ/LFT1 TI1-LM337LZ/LFT1 Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
LM337LZ/LFT3 TI1-LM337LZ/LFT3 Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
LM337LZ/LFT4 TI1-LM337LZ/LFT4 Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
LM337LZ/NOPB TI1-LM337LZ/NOPB Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
More results

Similar Description - LM337LZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM337LMX TI1-LM337LMX Datasheet
779Kb / 13P
LM337L 3-Terminal Adjustable Regulator
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com