Electronic Components Datasheet Search
  English  ▼

X  

LM5102MM Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5102MM
Description  LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5102MM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5102MM Datasheet HTML 3Page - Texas Instruments LM5102MM Datasheet HTML 4Page - Texas Instruments LM5102MM Datasheet HTML 5Page - Texas Instruments LM5102MM Datasheet HTML 6Page - Texas Instruments LM5102MM Datasheet HTML 7Page - Texas Instruments LM5102MM Datasheet HTML 8Page - Texas Instruments LM5102MM Datasheet HTML 9Page - Texas Instruments LM5102MM Datasheet HTML 10Page - Texas Instruments LM5102MM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
-50 -25
0
25
50
75
100 125 150
TEMPERATURE (°C)
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
THPHL
TLPHL
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.100
0.150
0.200
0.250
0.300
0.350
0.400
VDD = VHB = 8V
VDD = VHB = 12V
VDD = VHB = 16V
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
6.30
6.40
6.50
6.60
6.70
6.80
6.90
7.00
7.10
7.20
7.30
VHBR
VDDR
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.100
0.200
0.300
0.400
0.500
0.600
0.700
VDD = VHB = 8V
VDD = VHB = 12V
VDD = VHB = 16V
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VD (V)
T = 25°C
T = -40°C
T = 150°C
-25
0
25
50
75
100 125 150
TEMPERATURE (
oC)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
-50
VHBH
VDDH
LM5102
www.ti.com
SNVS268A – MAY 2004 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Diode Forward Voltage
Undervoltage Threshold Hysteresis vs Temperature
Figure 8.
Figure 9.
LO & HO Gate Drive—High Level Output Voltage vs
Undervoltage Rising Threshold vs Temperature
Temperature
Figure 10.
Figure 11.
LO & HO Gate Drive—Low Level Output Voltage vs
Temperature
Turn Off Propagation Delay vs Temperature
Figure 12.
Figure 13.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com