Electronic Components Datasheet Search
  English  ▼

X  

LM5102MM Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5102MM
Description  LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5102MM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5102MM Datasheet HTML 4Page - Texas Instruments LM5102MM Datasheet HTML 5Page - Texas Instruments LM5102MM Datasheet HTML 6Page - Texas Instruments LM5102MM Datasheet HTML 7Page - Texas Instruments LM5102MM Datasheet HTML 8Page - Texas Instruments LM5102MM Datasheet HTML 9Page - Texas Instruments LM5102MM Datasheet HTML 10Page - Texas Instruments LM5102MM Datasheet HTML 11Page - Texas Instruments LM5102MM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
oC)
550
575
600
625
650
675
700
725
750
HI to HO Delay
LI to LO Delay
0
10 20 30 40 50 60 70 80 90 100
RT (k:)
0
100
200
300
400
500
600
700
VCC = 12V
HI to HO Delay
LI to LO Delay
TEMPERATURE (
oC)
75
85
95
105
115
125
135
145
-50
-25
0
25
50
75
100 125 150
LM5102
SNVS268A – MAY 2004 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Turn On Delay vs RT Resistor Value
Turn On Delay vs Temperature (RT = 10k)
Figure 14.
Figure 15.
Turn On Delay vs Temperature (RT = 100k)
Figure 16.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com