Electronic Components Datasheet Search
  English  ▼

X  

OPA192ID Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192ID
Description  High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192ID Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA192ID Datasheet HTML 17Page - Texas Instruments OPA192ID Datasheet HTML 18Page - Texas Instruments OPA192ID Datasheet HTML 19Page - Texas Instruments OPA192ID Datasheet HTML 20Page - Texas Instruments OPA192ID Datasheet HTML 21Page - Texas Instruments OPA192ID Datasheet HTML 22Page - Texas Instruments OPA192ID Datasheet HTML 23Page - Texas Instruments OPA192ID Datasheet HTML 24Page - Texas Instruments OPA192ID Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
0
5
10
15
20
25
30
35
40
45
50
10p
100p
1n
Capacitive Load (F)
0
25
50
±
+
RI = 1 kO
VIN
+ 18 V
± 18 V
CL
OPA192
+
±
RF = 1 kO
RISO
G = -1
C013
R
ISO = 0
R
ISO = 25
R
ISO = 50
RI NŸ
RF NŸ
0
5
10
15
20
25
30
35
40
45
50
10p
100p
1n
Capacitive Load (F)
0
25
50
C013
R
ISO = 0
R
ISO = 25
R
ISO = 50
CL
RL
±
+
VIN
+ 18 V
± 18 V
OPA192
+
±
RISO
G = +1
OPA192
OPA2192
OPA4192
www.ti.com
SBOS620A – DECEMBER 2013 – REVISED JANUARY 2014
OVERLOAD RECOVERY
Overload recovery is defined as the time it takes for the op amp output to recover from a saturated state to a
linear state. The output devices of the op amp enter a saturation region when the output voltage exceeds the
rated operating voltage, either due to the high input voltage or the high gain. After the device enters the
saturation region, the charge carriers in the output devices require time to return back to the linear state. After
the charge carriers return back to the linear state, the device begins to slew at the specified slew rate. Thus, the
propagation delay in case of an overload condition is the sum of the overload recovery time and the slew time.
The overload recovery time for the OPAx192 is approximately 200 ns.
GENERAL LAYOUT GUIDELINES
For best operational performance of the device, use good printed circuit board (PCB) layout practices, including:
•
Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable to single-
supply applications.
•
In order to reduce parasitic coupling, run the input traces as far away from the supply lines as possible.
•
A ground plane helps distribute heat and reduces EMI noise pickup.
•
Place the external components as close to the device as possible. This configuration prevents parasitic
errors (such as the Seebeck effect) from occurring.
CAPACITIVE LOAD AND STABILITY
The OPA192 features a patented output stage capable of driving large capacitive loads, and in a unity-gain
configuration, can directly drive up to 1 nF of pure capacitive load. Increasing the gain enhances the ability of the
amplifier to drive greater capacitive loads, as shown in Figure 50 and Figure 51. The particular op amp circuit
configuration, layout, gain, and output loading are some of the factors to consider when establishing whether an
amplifier will be stable in operation.
Figure 50. Small-Signal Overshoot vs Capacitive
Figure 51. Small-Signal Overshoot vs Capacitive
Load (100-mV output step)
Load (100-mV output step)
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com