Electronic Components Datasheet Search
  English  ▼

X  

80WC0004 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 80WC0004
Description  Contact selector guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

80WC0004 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  80WC0004 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
45
UTS Series
Coaxial contacts
Coaxial contact range
We provide 2 types of coaxial contacts suitable for 50 or 75Ω, coaxial cable or twisted pair cable.
Monocrimp coaxial contact
• The monocrimp one-piece coaxial contacts offer high reliability plus
the economic advantage of a 95% reduction in installation time over
conventional assembly methods.
• This economy is achieved by simultaneously crimping both the inner
conductor and outer braid or drain wire.
Multipiece crimp coaxial contact
• The inner conductor and outer braid is crimped individually.
• The thermoplastic insulating bushing in the outer body is designed
to accept and permanently retain the inner contact.
• An outer ferrule is used to connect the braid to the outer contact
and provide cable support to ensure against bending and vibration.
Suitable for Coaxial cable or Twisted cable
• For jacket diameter from 1.78 to 3.05mm
Inner conductor up to 2.44mm diameter
• For jacket diameter from 0.64 to 1.45mm
Inner conductor from AWG30 to AWG24
Contacts for coaxial cable summary
Contact type
Contact range
Contact part
number with cable
combination
Cabling notice
Male contact
Female contact
Multipiece
RMDXK10D28
RCDXK1D28
See page 68
See pages 72 & 73
Monocrimp
RMDX60xxD28
RCDX60xxD28
See page 74
Contacts for twisted pairs cable summary
Contact type
Contact range
Contact part
number with cable
combination
Cabling notice
Male contact
Female contact
Multipiece
RMDXK10D28
+ YORK090
RCDXK1D28
+ YORK090
See page 69
See page 70
Monocrimp
RMDX60xxD28
RCDX60xxD28
See page 71



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com