Electronic Components Datasheet Search
  English  ▼

X  

80WC0004 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 80WC0004
Description  Contact selector guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

80WC0004 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  80WC0004 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80WC0004 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
49
UTS Series
Multimode Contact - Silica
STANDARD TOOLING KIT - P/N 80MG0027
The
standard tooling kit is made of the part numbers below
that can be ordered separately as well.
Part numbers
Descriptions
80WC0001
Aramid yarn scissors
80WC0003
Cutter
80WC0004
Alumina blade
80WD0008
Stripping tool for Ø 0.20 mm
80WD0010
Stripping tool for Ø 0.25 mm
80WD0014
Stripping tool for Ø 0.60 mm
80WD0025
Automatic stripping tool for Ø 0.5 mm,
0.6 mm, 0.7 mm & 3.8 mm
80WM0006
Ruler
80WP0005
Polishing plate
80WP0013
Non slip base (to hold the polishing
plate)
80WT0008
Curing oven
80WT0009
Protective tube
Part numbers
Descriptions
80WD0036
Stripping tool for Ø 0.9 mm & 0.25 mm
80WD0005
Stripping tool for Ø 2.2 mm & 1.5 mm
80WL0001
Microscope x400
80WL0008
Microscope adaptor
80WP0025
Polishing tool
80WS0002
Crimping tool
80WT0005
Contact support for polymerisation
80WG0010
Needle
80WG0014
Glue
80WG0015
Capsule
80WG0016
Syringe
80WN0005
Dry air spray
80WN0006
Optical paper
80WN0012
Dropping bottle
80WP0014
Polishing disk (grain size 9µm)
80WP0015
Polishing disk (grain size 0.3μm)
SPECIFIC TOOLING LIST - can be ordered only separately
Fibre optic contacts



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com