Electronic Components Datasheet Search
  English  ▼

X  

BUJD203AX Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUJD203AX
Description  NPN power transistor with integrated diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJD203AX Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUJD203AX Datasheet HTML 5Page - NXP Semiconductors BUJD203AX Datasheet HTML 6Page - NXP Semiconductors BUJD203AX Datasheet HTML 7Page - NXP Semiconductors BUJD203AX Datasheet HTML 8Page - NXP Semiconductors BUJD203AX Datasheet HTML 9Page - NXP Semiconductors BUJD203AX Datasheet HTML 10Page - NXP Semiconductors BUJD203AX Datasheet HTML 11Page - NXP Semiconductors BUJD203AX Datasheet HTML 12Page - NXP Semiconductors BUJD203AX Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BUJD203AX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 September 2010
9 of 14
NXP Semiconductors
BUJD203AX
NPN power transistor with integrated diode
Fig 14. Test circuit for inductive load switching
Fig 15. Switching times waveforms for inductive load
001aab991
VCC
LC
DUT
LB
IBon
VBB
001aab992
IC
IB
90 %
toff
IBon
ts
tf
t
t
−IBoff
ICon
10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com