Electronic Components Datasheet Search
  English  ▼

X  

SLTS030B Datasheet(PDF) 4 Page - Texas Instruments

Part # SLTS030B
Description  90% Efficiency Adjustable Output Voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS030B Datasheet(HTML) 4 Page - Texas Instruments

  SLTS030B Datasheet HTML 1Page - Texas Instruments SLTS030B Datasheet HTML 2Page - Texas Instruments SLTS030B Datasheet HTML 3Page - Texas Instruments SLTS030B Datasheet HTML 4Page - Texas Instruments SLTS030B Datasheet HTML 5Page - Texas Instruments SLTS030B Datasheet HTML 6Page - Texas Instruments SLTS030B Datasheet HTML 7Page - Texas Instruments SLTS030B Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Application Notes continued
PT6100/6210/6300 Series
ISR ADJUSTMENT RESISTOR VALUES (Cont)
1Adc Rated
PT6101
PT6103
2Adc Rated
PT6212
PT6214
3Adc Rated
PT6302
PT6304
Vo (nom)
5.0
5.0
12.0
Va (req.d)
6.2
156.0k
Ω
94.7k
Ω
(207.0)k
Ω
6.4
134.0k
Ω
81.2k
Ω
(223.0)k
Ω
6.6
117.0k
Ω
71.0k
Ω
(241.0)k
Ω
6.8
104.0k
Ω
63.1k
Ω
(259.0)k
Ω
7.0
93.8k
Ω
56.8k
Ω
(279.0)k
Ω
7.2
85.2k
Ω
51.6k
Ω
(301.0)k
Ω
7.4
78.1k
Ω
47.3k
Ω
(325.0)k
Ω
7.6
72.1k
Ω
43.7k
Ω
(351.0)k
Ω
7.8
67.0k
Ω
40.6k
Ω
(379.0)k
Ω
8.0
62.5k
Ω
37.9k
Ω
(410.0)k
Ω
8.2
58.6k
Ω
35.5k
Ω
(444.0)k
Ω
8.4
55.1k
Ω
33.4k
Ω
(483.0)k
Ω
8.6
52.1k
Ω
(525.0)k
Ω
8.8
49.3k
Ω
(573.0)k
Ω
9.0
46.9k
Ω
(628.0)k
Ω
9.5
41.7k
Ω
(802.0)k
Ω
10.0
37.5k
Ω
(1060.0)k
Ω
10.5
34.1k
Ω
(1500.0)k
Ω
11.0
31.3k
Ω
11.5
12.0
12.5
608.0k
Ω
13.0
304.0k
Ω
13.5
203.0k
Ω
14.0
152.0k
Ω
14.5
122.0k
Ω
15.0
101.0k
Ω
15.5
86.8k
Ω
16.0
75.9k
Ω
16.5
67.5k
Ω
17.0
60.8k
Ω
17.5
55.2k
Ω
18.0
50.6k
Ω
18.5
46.7k
Ω
19.0
43.4k
Ω
19.5
40.5k
Ω
20.0
38.0k
Ω
20.5
35.7k
Ω
21.5
33.8k
Ω
21.5
32.0k
Ω
22.0
30.4k
Ω
ISR ADJUSTMENT RESISTOR VALUES
1Adc Rated
PT6102
PT6101
PT6103
2Adc Rated
PT6216
PT6213
PT6212
PT6214
3Adc Rated
PT6314
PT6303
PT6302
PT6304
Vo (nom)
1.5
3.3
5.0
5.0
12.0
Va (req.d)
1.3
(2.1k
Ω)
1.4
(12.4k
Ω)
1.5
1.6
103.0k
Ω
1.7
51.6k
Ω
1.8
34.4k
Ω
(24.4)k
Ω
1.9
25.8k
Ω
(30.9)k
Ω
(31.5)k
Ω
2.0
(38.4)k
Ω
(37.5)k
Ω
2.1
(47.1)k
Ω
(44.0)k
Ω
2.2
(57.4)k
Ω
(50.9)k
Ω
(30.8)k
Ω
2.3
(69.8)k
Ω
(58.3)k
Ω
(35.4)k
Ω
2.4
(85.0)k
Ω
(66.3)k
Ω
(40.2)k
Ω
2.5
(104.0)k
Ω
(75.0)k
Ω
(45.5)k
Ω
(32.0)k
Ω
2.6
(128.0)k
Ω
(84.4)k
Ω
(51.1)k
Ω
(34.9)k
Ω
2.7
(161.0)k
Ω
(94.6)k
Ω
(57.3)k
Ω
(37.9)k
Ω
2.8
(206.0)k
Ω
(106.0)k
Ω
(64.0)k
Ω
(40.9)k
Ω
2.9
(274.0k
Ω
(118.0)k
Ω
(71.4)k
Ω
(44.1)k
Ω
3.0
(388.0)k
Ω
(131.0)k
Ω
(79.5)k
Ω
(47.3)k
Ω
3.1
(615.0)k
Ω
(146.0)k
Ω
(88.5)k
Ω
(50.5)k
Ω
3.2
(1300.0)k
Ω
(163.0)k
Ω
(98.5)k
Ω
(53.8)k
Ω
3.3
(181.0)k
Ω
(110.0)k
Ω
(57.3)k
Ω
3.4
831.0k
Ω
(202.0)k
Ω
(122.0)k
Ω
(60.8)k
Ω
3.5
416.0k
Ω
(225.0)k
Ω
(136.0)k
Ω
(64.3)k
Ω
3.6
227.0k
Ω
(252.0)k
Ω
(153.0)k
Ω
(68.0)k
Ω
3.7
208.0k
Ω
(283.0)k
Ω
(171.0)k
Ω
(71.7)k
Ω
3.8
166.0k
Ω
(319.0)k
Ω
(193.0)k
Ω
(75.6)k
Ω
3.9
139.0k
Ω
(361.0)k
Ω
(219.0)k
Ω
(79.5)k
Ω
4.0
119.0k
Ω
(413.0)k
Ω
(250.0)k
Ω
(83.5)k
Ω
4.1
104.0k
Ω
(475.0)k
Ω
(288.0)k
Ω
(87.7)k
Ω
4.2
92.4k
Ω
(533.0)k
Ω
(335.0)k
Ω
(91.9)k
Ω
4.3
83.1k
Ω
(654.0)k
Ω
(396.0)k
Ω
(96.3)k
Ω
4.4
75.6k
Ω
(788.0)k
Ω
(477.0)k
Ω
(101.0)k
Ω
4.5
69.3k
Ω
(975.0)k
Ω
(591.0)k
Ω
(105.0)k
Ω
4.6
63.9k
Ω
(1260.0)k
Ω
(761.0)k
Ω
(110.0)k
Ω
4.7
59.4k
Ω
(1730.0)k
Ω
(1050.0)k
Ω
(115.0)k
Ω
4.8
55.4k
Ω
(1610.0)k
Ω
(120.0)k
Ω
4.9
52.0k
Ω
(125.0)k
Ω
5.0
48.9k
Ω
(130.0)k
Ω
5.1
46.2k
Ω
1880.0k
Ω
1140.0k
Ω
(136.0)k
Ω
5.2
43.8k
Ω
937.0k
Ω
568.0k
Ω
(141.0)k
Ω
5.3
41.6k
Ω
625.0k
Ω
379.0k
Ω
(147.0)k
Ω
5.4
39.6k
Ω
469.0k
Ω
284.0k
Ω
(153.0)k
Ω
5.5
37.8k
Ω
375.0k
Ω
227.0k
Ω
(159.0)k
Ω
5.6
36.1k
Ω
313.0k
Ω
189.0k
Ω
(165.0)k
Ω
5.7
34.6k
Ω
268.0k
Ω
162.0k
Ω
(172.0)k
Ω
5.8
33.3k
Ω
234.0k
Ω
142.0k
Ω
(178.0)k
Ω
5.9
32.0k
Ω
208.0k
Ω
126.0k
Ω
(185.0)k
Ω
6.0
30.8k
Ω
188.0k
Ω
114.0k
Ω
(192.0)k
Ω
Table 2
R1 = (Blue)
R2 = Black



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com