Electronic Components Datasheet Search
  English  ▼

X  

SLTS030B Datasheet(PDF) 1 Page - Texas Instruments

Part # SLTS030B
Description  90% Efficiency Adjustable Output Voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS030B Datasheet(HTML) 1 Page - Texas Instruments

  SLTS030B Datasheet HTML 1Page - Texas Instruments SLTS030B Datasheet HTML 2Page - Texas Instruments SLTS030B Datasheet HTML 3Page - Texas Instruments SLTS030B Datasheet HTML 4Page - Texas Instruments SLTS030B Datasheet HTML 5Page - Texas Instruments SLTS030B Datasheet HTML 6Page - Texas Instruments SLTS030B Datasheet HTML 7Page - Texas Instruments SLTS030B Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Standard Application
C1 = Optional 1µF ceramic
C2 = Required 100µF electrolytic (1)
Q1 = NFET
PT6210
2,3,4
5,6,7,8
9,10,11
12
V
IN
COM
COM
V
OUT
C2
+
1
V
OADJ
INH
Q1
C1
Ordering Information
PT6211
¨ = +5.1 Volts
PT6212
¨ = +5.0 Volts
PT6213
¨ = +3.3 Volts
PT6214
¨ = +12 Volts
PT6216
¨ = +1.5Volts
Pin-Out Information
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
P
Horizontal Through-Hole
D
Horizontal Surface Mount
E
Note: Back surface of
product is conducting metal.
Note: Heat spreaders are not
electrically connected to product.
2 Amp Adjustable Positive Step-down
Integrated Switching Regulator
• 90% Efficiency
• Adjustable Output Voltage
• Internal Short Circuit Protection
• Over-Temperature Protection
• On/Off Control (Ground Off)
• Small SIP Footprint
• Wide Input Range
The PT6210 Series is a line of
High-Performance 2 Amp, 12-Pin SIP
(Single In-line Package) Integrated
Switching Regulators (ISRs) designed to
meet the on-board power conversion
needs of battery powered or other equip-
ment requiring high efficiency and small
size. This high performance ISR family
offers a unique combination of features
combining 90% typical efficiency with
open-collector on/off control and ad-
justable output voltage. Quiescent
current in the shutdown mode is typically
less than 100µA.
Pin
Function
1
Inhibit
(30V max)
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
Vout
12
Vout Adj (5)
Pkg Style 200
SLTS030B
(Revised 9/30/2000)
PT6210 Series
Specifications
Characteristics
PT6210 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1 (2)
—
2.0
A
Short Circuit Current
Isc
Vin = Vin min
—
5.0
—
Apk
Input Voltage Range
Vin
0.1
≤ Io ≤ 2.0 A
Vo = 12V
16
—
30/38 (3)
Vo = 5.0V
9
—
30/38 (3)
V
(Note: inhibit function cannot
Vo = 3.3V
9
—
26
be used with Vin above 30V.)
Vo = 1.5V
9
—
17
Output Voltage Tolerance
∆Vo
Over Vin Range, Io = 2.0 A
—
±1.0
±2.0
%Vo
Ta = 0°C to +60°C
Line Regulation
Regline
Over Vin range
—
±0.25
±0.5
%Vo
Load Regulation
Regload
0.1
≤ Io ≤ 2.0 A
—
±0.25
±0.5
%Vo
Vo Ripple/Noise
Vn
Vin = Vin min
—
±2
—
%Vo
Transient Response
ttr
50% load change
—
100
200
µSec
with Co = 100µF
Vos
Vo over/undershoot
—
5.0
—
%Vo
Efficiency
η
Vin= 16V, Io =0.5A
Vo = 12V
—
91
—
Vin=9V, Io = 0.5 A
Vo = 5.0V
—
89
—
%
Vin=9V, Io = 0.5 A
Vo = 3.3V
—
84
—
Vin=9V, Io = 0.5 A
Vo = 1.5V
—
72
—
Switching Frequency
ƒo
Over Vin and Io ranges
Vo ≥ 3.3V
450
—
900
kHz
Vo = 1.5V
400
—
500
Shutdown Current
Isc
Vin = 16V
—
100
—
µA
Quiescent Current
Inl
Io = 0A, Vin =10V
—
10
—
mA
Absolute Maximum
Ta
Over Vin range
-40
—
+85 (4)
°C
Operating Temperature Range
Thermal Resistance
θ
ja
Free Air Convection (40-60LFM)
—
40
—
°C/W
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
—
Per Mil-STD-883D, Method 2002.3,
—
500
—
G’s
1 msec, Half Sine, mounted to a fixture
Mechanical Vibration
—
Per Mil-STD-883D, Method 2007.2,
—10
—
G’s
20-2000 Hz, Soldered in a PC board
Weight
—
—
—
6
—
grams
Notes:
(1) The PT6210 Series requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications.
(2) The ISR will operate to no load with reduced specifications.
(3) Input voltage cannot exceed 30V when the inhibit function is used.
(4) See Thermal Derating charts.
(5) Consult the related application note for guidance on adjusting the output voltage.


Similar Part No. - SLTS030B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS032A TI1-SLTS032A Datasheet
527Kb / 7P
3 Amp 5V Input Adjustable Integrated Switching Regulator
SLTS033A TI1-SLTS033A Datasheet
533Kb / 6P
Adjustable Output Voltage
SLTS034A TI-SLTS034A Datasheet
237Kb / 10P
8A Single Device Power, Up to 90% efficiency (PT6501), Small SIP Footprint
SLTS034A TI1-SLTS034A Datasheet
241Kb / 10P
Small SIP Footprint
SLTS035A TI1-SLTS035A Datasheet
1Mb / 9P
Single Device 9A Output
More results

Similar Description - SLTS030B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1529 ONSEMI-NCP1529_10 Datasheet
252Kb / 16P
1.7MHz, 1A, High Efficiency, Low Ripple, Adjustable Output Voltage Step-down Converter
September, 2010 ??Rev. 5
NCP1529ASNT1G ONSEMI-NCP1529ASNT1G Datasheet
252Kb / 16P
1.7MHz, 1A, High Efficiency, Low Ripple, Adjustable Output Voltage Step-down Converter
September, 2010 ??Rev. 5
logo
Sipex Corporation
SP6656 SIPEX-SP6656_06 Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
PT6120 TI1-PT6120_08 Datasheet
541Kb / 7P
Adjustable Output Voltage
PT6220 TI1-PT6220_13 Datasheet
527Kb / 7P
Adjustable Output Voltage
PT6420 TI1-PT6420_14 Datasheet
533Kb / 6P
Adjustable Output Voltage
PT6670 TI1-PT6670_14 Datasheet
205Kb / 5P
Adjustable Output Voltage
logo
STMicroelectronics
A6727 STMICROELECTRONICS-A6727 Datasheet
1Mb / 29P
Adjustable output voltage
15-Jul-2013
logo
Recom International Pow...
R-611.8X RECOM-R-611.8X Datasheet
91Kb / 4P
Adjustable Output Voltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com