Electronic Components Datasheet Search
  English  ▼

X  

LM3697 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3697
Description  High-Efficiency Three-String White LED Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3697 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3697 Datasheet HTML 17Page - Texas Instruments LM3697 Datasheet HTML 18Page - Texas Instruments LM3697 Datasheet HTML 19Page - Texas Instruments LM3697 Datasheet HTML 20Page - Texas Instruments LM3697 Datasheet HTML 21Page - Texas Instruments LM3697 Datasheet HTML 22Page - Texas Instruments LM3697 Datasheet HTML 23Page - Texas Instruments LM3697 Datasheet HTML 24Page - Texas Instruments LM3697 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LM3697
www.ti.com
SNOSCS2A – NOVEMBER 2013 – REVISED DECEMBER 2013
Table 6. Control A & B Startup/Shutdown Ramp Time (Address 0x11 and 0x12)
Bits [7:4]
Bits [3:0]
Startup Ramp
Shutdown Ramp
0000 = 2048µs (default)
0000 = 2048µs (default)
0001 = 262ms
0001 = 262ms
0010 = 524ms
0010 = 524ms
0011 = 1.049s
0011 = 1.049s
0100 = 2.09s
0100 = 2.097s
0101 = 4.194 s
0101 = 4.194s
0110 = 8.389s
0110 = 8.389s
0111 = 16.78s
0111 = 16.78s
1000 = 33.55s
1000 = 33.55s
1001 = 41.94s
1001 = 41.94s
1010 = 50.33s
1010 = 50.33s
1011 = 58.72s
1011 = 58.72s
1100 = 67.11s
1100 = 67.11s
1101 = 83.88s
1101 = 83.88s
1110 = 100.66s
1110 = 100.66s
1111 = 117.44s
1111 = 117.44s
Table 7. Control A & B Run-Time Ramp Time (Address 0x13)
Bits [7:4]
Bits [3:0]
Transition Time Ramp Up
Transition Time Ramp Down
000 = 2048µs (default)
000 = 2048µs (default)
001 = 262ms
001 = 262ms
010 = 524ms
010 = 524ms
011 = 1.049s
011 = 1.049s
100 = 2.097s
100 = 2.097s
101 = 4.194s
101 = 4.194s
110 = 8.389s
110 = 8.389s
111 = 16.78s
111 = 16.78s
1000 = 33.55s
1000 = 33.55s
1001 = 41.94s
1001 = 41.94s
1010 = 50.33s
1010 = 50.33s
1011 = 58.72s
1011 = 58.72s
1100 = 67.11s
1100 = 67.11s
1101 = 83.88s
1101 = 83.88s
1110 = 100.66s
1110 = 100.66s
1111 = 117.44s
1111 = 117.44s
Table 8. Control A & B Run-Time Ramp Configuration (Address 0x14)
Bits [7:4]
Bits [3:2]
Bits [1:0]
Not Used
Control B Run-time Ramp Select
Control A Run-time Ramp Select
00 = Control A/B Runtime Ramp Times
00 = Control A/B Runtime Ramp Times
(default)
(default)
Reserved
01 = Control B Startup/Shutdown Ramp
01 = Control A Startup/Shutdown Ramp
Times
Times
1x = 0 us Ramp Time
1x = 0 us Ramp Time
Table 9. Control A/B Brightness Configuration (Address 0x16)
Bits [7:4]
Bit [3]
Bit [2]
Bit [1]
Bit [0]
Not Used
Control B Dither Disable
Control A Dither Disable
Not Used
Control A/B Mapping
Mode
0 Enable (default)
0 Enable (default)
0 Exponential (default)
Reserved
1 Disable
1 Disable
Reserved
1 Linear
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3697



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com