Electronic Components Datasheet Search
  English  ▼

X  

XC61C0801PR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC61C0801PR
Description  Low Voltage Detectors Standard Voltage Detectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61C0801PR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC61C0801PR Datasheet HTML 1Page - Torex Semiconductor XC61C0801PR Datasheet HTML 2Page - Torex Semiconductor XC61C0801PR Datasheet HTML 3Page - Torex Semiconductor XC61C0801PR Datasheet HTML 4Page - Torex Semiconductor XC61C0801PR Datasheet HTML 5Page - Torex Semiconductor XC61C0801PR Datasheet HTML 6Page - Torex Semiconductor XC61C0801PR Datasheet HTML 7Page - Torex Semiconductor XC61C0801PR Datasheet HTML 8Page - Torex Semiconductor XC61C0801PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
XC61C Series
Low Voltage Detectors (VDF= 0.8V~1.5V)
Standard Voltage Detectors (VDF 1.6V~6.0V)
■
GENERAL DESCRIPTION
The XC61C series are highly precise, low power consumption voltage detectors, manufactured using CMOS and laser
trimming technologies.
Detect voltage is extremely accurate with minimal temperature drift.
Both CMOS and N-channel open drain output configurations are available.
■
APPLICATIONS
●
Microprocessor reset circuitry
●
Memory battery back-up circuits
●
Power-on reset circuits
●
Power failure detection
●
System battery life and charge voltage monitors
■
TYPICAL PERFORMANCE CHARACTERISTICS
■
FEATURES
Highly Accurate
: ± 2%
: ± 1%(Standard Voltage VD: 2.6V~5.0V)
Low Power Consumption
: 0.7μA (TYP.) [VIN=1.5V]
Detect Voltage Range
: 0.8V ~ 6.0V in 0.1V increments
Operating Voltage Range
: 0.7V ~ 6.0V (Low Voltage)
0.7V~10.0V (Standard Voltage)
Detect Voltage Temperature Characteristics
: ±100ppm/℃ (TYP.)
Output Configuration
: N-channel open drain or CMOS
Packages
: SSOT-24
SOT-23
SOT-89
TO-92
Environmentally Friendly
: EU RoHS Compliant, Pb Free
■
TYPICAL APPLICATION CIRCUITS
ETR0201_013a


Similar Part No. - XC61C0801PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
Low Voltage Detectors
XC61C TOREX-XC61C Datasheet
758Kb / 17P
Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61C TOREX-XC61C Datasheet
608Kb / 16P
Low Voltage Detectors (VDF= 0.8V~1.5V) Standard Voltage Detectors (VDF 1.6V~6.0V)
016
XC61CC0801LB TOREX-XC61CC0801LB Datasheet
758Kb / 17P
Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801LH TOREX-XC61CC0801LH Datasheet
758Kb / 17P
Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
More results

Similar Description - XC61C0801PR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
Low Voltage Detectors
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
STANDARD VOLTAGE DETECTORS
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
STANDARD VOLTAGE DETECTORS
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
VOLTAGE DETECTORS
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
VOLTAGE DETECTORS
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com