Electronic Components Datasheet Search
  English  ▼

X  

XC61C0801PR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC61C0801PR
Description  Low Voltage Detectors Standard Voltage Detectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61C0801PR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC61C0801PR Datasheet HTML 1Page - Torex Semiconductor XC61C0801PR Datasheet HTML 2Page - Torex Semiconductor XC61C0801PR Datasheet HTML 3Page - Torex Semiconductor XC61C0801PR Datasheet HTML 4Page - Torex Semiconductor XC61C0801PR Datasheet HTML 5Page - Torex Semiconductor XC61C0801PR Datasheet HTML 6Page - Torex Semiconductor XC61C0801PR Datasheet HTML 7Page - Torex Semiconductor XC61C0801PR Datasheet HTML 8Page - Torex Semiconductor XC61C0801PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
XC61C
Series
*1: Low voltage: VDF(T)=0.8V~1.5V
*2: Standard voltage: VDF(T)=1.6V~6.0V
PARAMETER
SYMBOL
RATINGS
UNITS
*1
9.0
Input Voltage
*2
VIN
12.0
V
Output Current
IOUT
50
mA
CMOS
VSS -0.3 ~ VIN +0.3
N-ch Open Drain Output *1
VSS -0.3 ~ 9.0
Output Voltage
N-ch Open Drain Output *2
VOUT
VSS -0.3 ~ 12.0
V
SSOT-24
150
SOT-23
150
SOT-89
500
Power Dissipation
TO-92
Pd
300
mW
Operating Temperature Range
Topr
-40~+85
O
C
Storage Temperature Range
Tstg
-40~+125
O
C
■
BLOCK DIAGRAMS
■
ABSOLUTE MAXIMUM RATINGS
Ta = 25OC
(1) CMOS Output
(2) N-ch Open Drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com