Electronic Components Datasheet Search
  English  ▼

X  

XC61C0901PR Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC61C0901PR
Description  Low Voltage Detectors Standard Voltage Detectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61C0901PR Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC61C0901PR Datasheet HTML 9Page - Torex Semiconductor XC61C0901PR Datasheet HTML 10Page - Torex Semiconductor XC61C0901PR Datasheet HTML 11Page - Torex Semiconductor XC61C0901PR Datasheet HTML 12Page - Torex Semiconductor XC61C0901PR Datasheet HTML 13Page - Torex Semiconductor XC61C0901PR Datasheet HTML 14Page - Torex Semiconductor XC61C0901PR Datasheet HTML 15Page - Torex Semiconductor XC61C0901PR Datasheet HTML 16Page - Torex Semiconductor XC61C0901PR Datasheet HTML 17Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
XC61C
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
●
Standard Voltage (Continued)
(6) P-ch Driver Output Current vs. Input Voltage
0
5
10
15
02
468
10
VDS=2.1V
0.5V
1.0V
1.5V
0
5
10
15
02
468
10
VDS=2.1V
0.5V
1.0V
1.5V
0
5
10
15
02
468
10
VDS=2.1V
0.5V
1.0V
1.5V
0
5
10
15
02
468
10
VDS=2.1V
0.5V
1.0V
1.5V
XC61CC1802
(1.8V)
XC61CC2702
(2.7V)
XC61CC4502
(4.5V)
XC61CC3602
(3.6V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com