Electronic Components Datasheet Search
  English  ▼

X  

XC61C0901PR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC61C0901PR
Description  Low Voltage Detectors Standard Voltage Detectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61C0901PR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC61C0901PR Datasheet HTML 1Page - Torex Semiconductor XC61C0901PR Datasheet HTML 2Page - Torex Semiconductor XC61C0901PR Datasheet HTML 3Page - Torex Semiconductor XC61C0901PR Datasheet HTML 4Page - Torex Semiconductor XC61C0901PR Datasheet HTML 5Page - Torex Semiconductor XC61C0901PR Datasheet HTML 6Page - Torex Semiconductor XC61C0901PR Datasheet HTML 7Page - Torex Semiconductor XC61C0901PR Datasheet HTML 8Page - Torex Semiconductor XC61C0901PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
XC61C Series
PIN NUMBER
SSOT-24
SOT-23
SOT-89
TO-92 (T)
TO-92 (L)
PIN NAME
FUNCTION
2
3
2
2
1
VIN
Supply Voltage
tI
t
4
2
3
3
2
VSS
Ground
1
1
1
1
3
VOUT
Output
3
-
-
-
-
NC
No Connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
CMOS output
①
Output Configuration
N
N-ch open drain output
e.g.0.9V → ②0, ③9
② ③
Detect Voltage
08 ~ 60
e.g.1.5V → ②1, ③5
④
Output Delay
0
No delay
1
Within ±1% (VDF(T)=2.6V~5.0V)
⑤
Detect Accuracy
2
Within ±2%
NR
SSOT-24 (SC-82)
NR-G
SSOT-24 (SC-82) (Halogen & Antimony free)
MR
SOT-23
MR-G
SOT-23 (Halogen & Antimony free)
PR
SOT-89
PR-G
SOT-89 (Halogen & Antimony free)
TH
TO-92 (Standard) Taping Type: Paper type
TB
TO-92 (Standard) Taping Type: Bag
LH
TO-92 (Custom pin configuration) Taping Type: Paper type
(Discontinued Product)
⑥⑦-⑧
Packages
Taping Type
(*2)
LB
TO-92 (Custom pin configuration) Taping Type: Bag
(Discontinued Product)
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC61C①②③④⑤⑥⑦-⑧(
*1)
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑥R-⑧, Reverse orientation: ⑥L-⑧)
(SIDE VIEW)
(SIDE VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com