Electronic Components Datasheet Search
  English  ▼

X  

24LCS22A Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LCS22A
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS22A Datasheet(HTML) 4 Page - Microchip Technology

  24LCS22A Datasheet HTML 1Page - Microchip Technology 24LCS22A Datasheet HTML 2Page - Microchip Technology 24LCS22A Datasheet HTML 3Page - Microchip Technology 24LCS22A Datasheet HTML 4Page - Microchip Technology 24LCS22A Datasheet HTML 5Page - Microchip Technology 24LCS22A Datasheet HTML 6Page - Microchip Technology 24LCS22A Datasheet HTML 7Page - Microchip Technology 24LCS22A Datasheet HTML 8Page - Microchip Technology 24LCS22A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Serial Memory Products
Serial EEPROM
Robust Design
■ ESD Protection
> 4000V Human Body Model (HBM)
> 400V Machine Model (MM)
> 1000V Charged Device Model
■ Latch-up protection > 200 mA on all pins
■ ESD Induced Latch-up > 100V (MM) on VDD; >400V on all I/O
> 1M cycles Endurance and > 200 years data retention
■ Up to 150°C Operation (reads and writes)
■ Power-On Reset (POR) and Brown-Out Reset (BOR)
– Effective protection against noisy automotive environments
– Eliminates false writes
■ Schmitt Trigger input filters for noise reduction
■ Complete traceability including die location on wafer
Innovative designs combined with in-house fabrication and outstanding testing
methodology has helped create the industry’s highest quality Serial EEPROM.
Microchip offers a broad selection of standard and application specific Serial EEPROM devices that are available in
all the standard serial busses – I2C, SPI, Microwire and the new single I/O UNI/O®bus.
Quality
■ Microchip delivers highest quality
EEPROMs in the world
■ World-class line yields (over 99%)
■ ISO/TS16949-compliant
■ Industry leader with triple test flow –
every cell of every part is tested
three times
■ Near zero PPM field bit fails
■ Statistical process control and
continuous improvement procedures
in all facilities
■ Robustness and reliability designed in
■ Automotive grade/flow
MAC Address Chips
EUI-48™ & EUI-64™ Node Address
Partial Array Write Protect
½, ¼
and Whole Array WP Options
DIMM-DDR2/3
Reversible S/W Write Protect; I2C
Extended Temperature
-55ºC to 150ºC
VESA Monitors
DDC1™/DDC2™ Interface
Very Low Voltage
1.5V EEPROM
UNI/O® Bus
1 Kb-16 Kb; 1.8V-5.5V
SPI
1 Kb-1 Mb; 1.8V-5.5V
8-SOIC (SN)
5 x 6 mm
8-DFN (MF)
5 x 6 mm
8-SOIC (SM)
5 x 8 mm
8-PDIP (P)
8 x 9.5 mm
Die/Wafer
WL-CSP
.
5-SC70
(LT)
2 x 2 mm
.
3-SOT
(TT)
3 x 2.5 mm
5 & 6-SOT
(OT)
3 x 3 mm
.
8-TDFN
(MC/MNY)
2 x 3 mm
.
8-MSOP
(MS)
3 x 5 mm
.
8-TSSOP
(ST)
3 x 6.5 mm
......
................
.....
...
.............
Specialty/Application
Specific EEPROMs
Standard
EEPROMs
I2C™
128b-1 Mb; 1.7V-5.5V
Microwire
1 Kb-16 Kb; 1.8V-5.5V
Packages
Serial EEPROMs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com