Electronic Components Datasheet Search
  English  ▼

X  

AN979 Datasheet(PDF) 9 Page - Microchip Technology

Part # AN979
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN979 Datasheet(HTML) 9 Page - Microchip Technology

Back Button AN979 Datasheet HTML 5Page - Microchip Technology AN979 Datasheet HTML 6Page - Microchip Technology AN979 Datasheet HTML 7Page - Microchip Technology AN979 Datasheet HTML 8Page - Microchip Technology AN979 Datasheet HTML 9Page - Microchip Technology AN979 Datasheet HTML 10Page - Microchip Technology AN979 Datasheet HTML 11Page - Microchip Technology AN979 Datasheet HTML 12Page - Microchip Technology AN979 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Serial Memory Products
9
The Serial Advantage – Not Just Price
Feature
Traditional Parallel SRAM
Microchip Serial SRAM
I/O Connection to MCU
16-20
4
Standby Current
3 mA
1 μA
Active Current
50 mA
1-10 mA
Lowest Operating Voltage
3.0V
1.7V
Footprint
100 mm2
20 mm2
Smallest Packages
28-TSSOP, 28-SOIC
8-TSSOP, 8-SOIC
Do you need a simple, inexpensive way to add RAM to
your application? Microchip offers external RAM where
you need it.
Microchip’s new serial SRAM family provides a way to easily and
inexpensively add external RAM to almost any application. These serial
devices use less power and fewer I/O connections than traditional parallel
SRAM. And, they allow designers to use a smaller microcontroller rather than
moving to a larger microcontroller just to get more on-board RAM.
Serial SRAM
Flexible RAM Expansion
Quickly and easily add external high-speed SRAM
■ 8 and 32 Kbyte options
■ 20 MHz clock speed
■ Low standby and operating currents
■ Fast writes with zero latency
■ Unlimited endurance
■ 8-SOIC, 8-TSSOP, 8-PDIP
Increased Performance
Add features to your current microcontroller
and get to market faster
■ Add functionality to your current design
■ No need to buy a large microcontroller just for the RAM
■ Familiar 4-pin SPI interface
■ Cost reduce your current design
■ Scratchpad, buffering, high endurance applications
■ Applications: metering, POS terminals, printers, internet radio,
ethernet, Wi-Fi
■ Replace parallel RAM
■ Any application needing low cost RAM
23A640
16 MHz
1.5V-1.95V
23K640
20 MHz
2.7V-3.6V
64 Kb
23A256
16 MHz
23K256
20 MHz
256 Kb
Parallel
SRAM
www.microchip.com/sram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com