Electronic Components Datasheet Search
  English  ▼

X  

AN979 Datasheet(PDF) 12 Page - Microchip Technology

Part # AN979
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN979 Datasheet(HTML) 12 Page - Microchip Technology

Back Button AN979 Datasheet HTML 8Page - Microchip Technology AN979 Datasheet HTML 9Page - Microchip Technology AN979 Datasheet HTML 10Page - Microchip Technology AN979 Datasheet HTML 11Page - Microchip Technology AN979 Datasheet HTML 12Page - Microchip Technology AN979 Datasheet HTML 13Page - Microchip Technology AN979 Datasheet HTML 14Page - Microchip Technology AN979 Datasheet HTML 15Page - Microchip Technology AN979 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Serial Memory Products
MPLAB® Starter Kit for Serial Memory Products
(DV243003)
Reduce time to market and
create a rock-solid design using
the MPLAB Starter Kit for Serial
Memory Products. It includes
everything necessary to quickly
develop a robust and reliable
Serial EEPROM design, and greatly reduces the time
required for system integration and hardware/software
fine-tuning.
■ 3.3V and 5.0V on-board voltage selection
■ Supports Microchip UNI/O bus, I²C, SPI and
Microwire Serial EEPROMs
■ 1.8V to 5.5V external voltage support
■ Includes free copy of MPLAB IDE
■ USB interconnect
Total Endurance™ Software
Total Endurance Software provides a comprehensive
model that helps estimate the endurance and reliability
of Microchip Serial EEPROM devices. By providing
operating conditions based on your application, all
design trade-offs affecting reliability can be accurately
estimated both graphically and numerically in PPM,
FIT and MTBF modes, saving time and ensuring a truly
robust design.
Resources to Get You Started Quickly
Reduce development time and cost with our development tools.
Competitive market conditions force businesses to examine every aspect of their product life cycle to maximize
productivity and minimize expense. Easy-to-learn, low-cost common development tools are one way to reduce risk
and get to market quicker.
UNI/O® Bus Parasitic Power Demo Board
(AC243004)
The UNI/O Bus Parasitic Power
Demo Board is designed to
illustrate how a standard
half-wave rectifier and
capacitor circuit can be used
to parasitically extract power
for a UNI/O device from the
SCIO signal as described in application note, AN1213
“Powering a UNI/O® Bus Device Through SCIO”. This
reduces the number of connections necessary for
adding a UNI/O device to your application down to two:
SCIO and VSS.
Serial EEPROM PIM PICtail™ Pack (AC243003)
The Serial EEPROM PIM PICtail
Modules are a series of boards
designed around Microchip
Serial EEPROM devices. The
boards are designed to interface
with the PICtail Plus connector
as well as the MPLAB Starter Kit
for Serial Memory Products and
the PICkit 3, allowing you to get
started right out of the box.
■ Plug-and-play with PICtail Plus connector and PICkit 3
connector
■ Test points for oscilloscope connections for firmware
debugging (I²C and UNI/O only)
■ Microwire Buses are included for maximum flexibility
in developing your application
www.microchip.com/devtools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com