Electronic Components Datasheet Search
  English  ▼

X  

WC26SM Datasheet(PDF) 2 Page - MMD Components

Part # WC26SM
Description  WC26SM Series Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

WC26SM Datasheet(HTML) 2 Page - MMD Components

  WC26SM Datasheet HTML 1Page - MMD Components WC26SM Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
WC26SM082812G
Specifications are subject to change without notice.
Pg 2 of 2
Mechanical Details
0.25 [.010]
0.25 [.010]
1.90 [.075]
3.25 [.128]
6.50 [.256] MAX
3.30 [.130] MAX
2.00 [.079]
4.05 [.159]
2.54 [.100]
2.95 [.116]
2.30 [.091]
3.80 [.150]
3.40 [.134]
2.00 [.079]
1.70 [.067]
1.00 [.039]
1.70 [.067]
1.70 [.067]
C
L
L
C
SUGGESTED PAD LAYOUT
DIMENSIONS IN BRACKETS ARE IN INCHES
GLUE PAD
0.25 [.010]
NOTES
1. CAN PLATING = Ni
2. LEAD PLATING = Sn 95%- 98%, Cu 2%- 5%
Tape & Reel
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters.
3. Tolerances are ±0.1 mm unless otherwise specified.
4. Do not scale drawing.
PITCH
PITCH
8.0
TAPE
16.0
DIRECTION OF FEED
330 [13 IN]
REEL
TAPE
REEL DIA
COUNT
1000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com