Electronic Components Datasheet Search
  English  ▼

X  

WC26SM Datasheet(PDF) 1 Page - MMD Components

Part # WC26SM
Description  WC26SM Series Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

WC26SM Datasheet(HTML) 1 Page - MMD Components

  WC26SM Datasheet HTML 1Page - MMD Components WC26SM Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
WC26SM082812G
Specifications are subject to change without notice.
Pg 1 of 2
W
WC
C2
26
6S
SM
M S
Se
erriie
ess C
Crryysstta
all

Surface Mountable Clock Crystal

32.768 KHz

Small Compact Size

RoHS Compliant
Part Number Guide
Frequency
32.768 KHz
Tolerance at +25°C
See Part Number Guide for Options
Stability
-0.034 ppm (±0.006)/°2
Aging
±5 ppm/ yr
Shunt Capacitance
1.5 pF
Load Capacitance
12.5 pF Typ (6pF Option)
Motional Capacitance
0.003 pF TYP
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Equivalent Resistance
50k Ohms Max
Drive Level
1 µW Max
Temperature Coefficient
0.04 ppm / ° C
Insulation Resistance
500 Megaohms Min / DC 100 V
Shock Resistance
±5 ppm Max (Drop test 3 times on a hard board from 75 cm)
32.768KHZ
Please consult with MMD sales department for any other parameters or options.
WC26SM
Frequency Tolerance
Load Capacitance
Blank = 12.5pF
6 = 6pF
RoHS Compliant
Blank = Not Compliant
F = Is Compliant
Blank = No Added Options
T = Tape and Reel
Value Added Options
C = ±10 ppm
D = ±20 ppm


Similar Part No. - WC26SM

ManufacturerPart #DatasheetDescription
logo
MMD Components
WC26SM MMD-WC26SM Datasheet
54Kb / 1P
32.768 KHz Clock Crystal
WC26SMC-32.768KHZ- MMD-WC26SMC-32.768KHZ- Datasheet
54Kb / 1P
32.768 KHz Clock Crystal
WC26SMC-32.768KHZ-6 MMD-WC26SMC-32.768KHZ-6 Datasheet
54Kb / 1P
32.768 KHz Clock Crystal
WC26SMC-32.768KHZ-6T MMD-WC26SMC-32.768KHZ-6T Datasheet
54Kb / 1P
32.768 KHz Clock Crystal
WC26SMC-32.768KHZ-T MMD-WC26SMC-32.768KHZ-T Datasheet
54Kb / 1P
32.768 KHz Clock Crystal
More results

Similar Description - WC26SM

ManufacturerPart #DatasheetDescription
logo
MMD Components
WC315 MMD-WC315 Datasheet
64Kb / 1P
32.768KHZ Crystal Series
A MMD-A_13 Datasheet
74Kb / 3P
A Series Crystal
H MMD-H_13 Datasheet
106Kb / 2P
H Series Crystal
WC146SM MMD-WC146SM_12 Datasheet
114Kb / 2P
WC146SM Series Crystal
WC415 MMD-WC415_12 Datasheet
95Kb / 2P
WC415 Series Crystal
WC519 MMD-WC519_12 Datasheet
98Kb / 2P
WC519 Series Crystal
logo
Cree, Inc
FCN13595 CREE-FCN13595 Datasheet
1Mb / 28P
Crystal series
FCN13552 CREE-FCN13552 Datasheet
713Kb / 19P
Crystal series
F12985 CREE-F12985 Datasheet
270Kb / 12P
Crystal series
F12916 CREE-F12916 Datasheet
110Kb / 7P
Crystal series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com