Electronic Components Datasheet Search
  English  ▼

X  

79204 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 79204
Description  ESD Tape Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

79204 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  79204 Datasheet HTML 1Page - List of Unclassifed Manufacturers 79204 Datasheet HTML 2Page - List of Unclassifed Manufacturers 79204 Datasheet HTML 3Page - List of Unclassifed Manufacturers 79204 Datasheet HTML 4Page - List of Unclassifed Manufacturers 79204 Datasheet HTML 5Page - List of Unclassifed Manufacturers 79204 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TB-3010 Page 2 of 6
Wescorp ESD Conductive Shielding Grid Tape
Technical Information for Conductive Shielding Grid
Tape
Both surfaces non-tribocharging at 50% RH
Thickness:1.9mil0.0019",(0.049mm)
Adhesive: acrylic based
Conductive grid layer (50% RH): 10E4 - 10E5 ohms
Adhesivecopolymerresistivity:10E9 ohms
Copolymer layer resistivity: 10E12 ohms
Max Temperature: 140°F (60°C)
Absence of shed, crack, chip, or rub off
Non-corrosive
Applications for Conductive Shielding Grid Tape
• ForapplicationsrequiringEMIshielding
• Useinareaswherethegenerationofstaticelectricityisof
concern
• Using grounded Tape Dispenser, voltage generated by
unrollingwilleffectivelybereducedtozero
• Secure(bundle)ICtubes
• Covers external plugs, holes or connector pins on
electronic chassis (black boxes, etc.) during transportation
or storage
Excerpt from the Naval Aviation Schools Command: “...
Weapon Replaceable Assemblies (WRA)s shall have ESD
conductive plug caps or grid tape over all external cannon
plugs and connector pins.”
Wescorp ESD High-Temp Masking Tape
Technical Information for High-Temp Masking Tape
Backing: Saturated, high strength crepe paper
Adhesive: Natural rubber based, non-staining, solvent
spread, cured
Thickness: 0.18 mm / 7 mils (0.007")
Adhesion Strength: 38 N/100 mm / 35 oz/in2
Tensile Strength: 385 N/100 mm / 22 lbs/in2
Temperature Resistance: 302°F (150°C) - 60 minutes
Color: Natural
MeetsCDNSpec.:53.79-94Type1
MeetsUSSpec.:A-A883-B-Type1
Roll Length: 55 meters (60 yards)
Thickness: 7.0 mils 0.007",(0.18 mm)
AdhesiontoSteel:1.51newtons/cm2 / 35 oz/inch2
Elongation: 8%
Moisture Resistance: fair
Solvent Resistance: good
Storage Stability: excellent
Temperature Range: -32°F to + 275°F (-36°C to + 135°C)
Max Temp: 275°F (135°C) 45 minutes maximum
Government Specs: PPP-T-42C
Type 1, CID-AA-883A Type 1
Waterproof
Tribocharges,butnochargeretention(recommendslow
unrolling utilizing an ionizer to neutralize charges)
Adhesive surface resistance: 10E11 ohms
Non-toxic, and pH neutral
Non-corrosive
©2012DESCOINDUSTRIESINC.
EmployeeOwned
DESCO INDUSTRIES INC.
•3651WalnutAvenue,Chino,CA91710•(909)627-8178•WebSite:DescoIndustries.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com