Electronic Components Datasheet Search
  English  ▼

X  

79204 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 79204
Description  ESD Tape Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

79204 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  79204 Datasheet HTML 1Page - List of Unclassifed Manufacturers 79204 Datasheet HTML 2Page - List of Unclassifed Manufacturers 79204 Datasheet HTML 3Page - List of Unclassifed Manufacturers 79204 Datasheet HTML 4Page - List of Unclassifed Manufacturers 79204 Datasheet HTML 5Page - List of Unclassifed Manufacturers 79204 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DESCO INDUSTRIES INC.
•3651WalnutAvenue,Chino,CA91710•(909)627-8178•WebSite:DescoIndustries.com
Wescorp ESD Hi Temp Polyimide Tape MSDS (page 2)
SECTION IX - PHYSICAL AND CHEMICAL PROPERTIES
9.1Appearance:
Form:Self-adhesivetapeColor:OpaqueblackOdor:None
9.2.SafetyRelatedInformation
pH:
Not determined
Boiling point/Boiling range:
Not determined
Melting point/Melting range:
Not determined
Flash point:
Not determined
Flammability (solid):
Non-flammable
Auto flammability:
Non-flammable
Explosive properties:
Not determined
Oxidizing properties:
Not determined
Vapor pressure:
Not determined
Specific gravity:
Not determined
Solubilityinwater:
Notsoluble
Solubility in organic solvent:
Soluble in Toluene
Oil/waterpartitionco-efficient
Notdetermined
SECTION X - STABILITY AND REACTIVITY
10.1Stability:Stableatnormaltemperaturesandstorageconditions(ideal23°C±2°C(73°F±4°F)50%±2%relativehumidity)
10.2 Reactivity:
Conditionstoavoid:noneknown.
Materialstoavoid:Canreactwithstrongoxidizingagents
Hazardous decomposition products: At temperatures above 400°C/752°F, the major off-gases from polyimide film are carbon
monoxide and carbon dioxide. With prolonged exposure to temperatures above 150°C/302°F silicone adhesives in the presence of
oxygenmayemittracequantitiesofformaldehyde.
SECTION XI - TOXICOLOGICAL INFORMATION
Possible Health Effects
Skin: (1) Prolonged or repeated contact may lead to slight irritation
Eyes: (1) May cause temporary discomfort
Inhalation: (1) No adverse effects are normally expected.
Ingestion:(1)Notknown
Otherhealthhazardinformation:Noneknown.
LC 50 : Not determined
LD 50 : Not determined
(1)Thisinformationisbasedeitherontestdata,extrapolationfromtestsonsimilarmaterials,reviewofcomponentdetails,oracombination
of all of these.
Section XII - ECOLOGICAL IMPACT
12.1EliminationPersistence:NotknownDegradability:Theadhesiveispartlybiodegradable
12.2BehaviorinanaquaticenvironmentMobility:InsolubleinwaterBioaccumulation:Notknown
12.3Aquatic:EcotoxiceffectsnotknownTerrestrial:Notknown
Section XIII - WASTE DISPOSAL
13.1.Productdisposal:Canbeincineratedorlandfilledinaccordancewithfederal,stateandlocalregulations.
13.2.Packagingdisposal:Packagingshouldbedisposedofinaccordancewithregionaland/ornationalregulations.
Section XIV - TRANSPORT INFORMATION
UNNO:NotapplicableLabel:Notapplicable
ROAD&RAILTRANSPORT(ADR/RID)Nospecialpackagingorlabelingrequired.
SEATRANSPORT(IMO)Nospecialpackagingorlabelingrequired.
IMOMARINEPOLLUTANT:Notapplicable
AIRTRANSPORT(ICAO)Nospecialpackagingorlabelingrequired.
Section XV - REGULATORY INFORMATION
15.1.EECSupplyclassification&labeling:(1)Contains:Notapplicable-Nospecialpackagingonlabelingrequirements
15.2 National legislation. For product information in other EC languages, including appropriate national legislation, please contact the sales
office at the above address.
15.3 Other regulations
Germanwaterclass:1-slightriskofcausingwaterpollution
German Vbf:
Not applicable
Ozone depleting chemicals: No ozone depleting chemicals are present or used in manufacture.
N/A = Not Applicable; NE = None Established
Other data:
Vapor density (air=1):
Not determined
Evaporation rate (ethyl ether = 1):
Not determined
Viscosity:
Not determined
%Volatiles:
<0.05%@200°C(392°F)
Molecularweight:
Notdetermined
TB-3010 Page 6 of 6
©2012DESCOINDUSTRIESINC.
EmployeeOwned



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com