Electronic Components Datasheet Search
  English  ▼

X  

AT055 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AT055
Description  Accessories & Hardware
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT055 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AT055 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Accessories & Hardware
www.nkk.com
Y11
Y
AT428 (M-metric H-inch)
Splashproof Boot
Silicone rubber
Color: A
Series: D2 M P
AT429
Indicator Cap
Polycarbonate
Colors: B C D E F G
Series: P01
AT431
Large Rotary Knob
Phenolic resin
Color: A
Series: HS PS TS
AT432
Small Rotary Knob
Phenolic resin
Color: A
Series: HS PS TS
AT433
Knob for Miniature Rotaries
Polyacetal
Color: A
Series: FR01 MR
AT434
Bat Lever Cap
Polyvinyl chloride
Colors: A B C E F G
Series: M
AT435
Screw-on Cap
Brass with chrome plating
Series: SB265
AT438
Design Rocker
Polycarbonate
Colors: B C D F G
Series: MLW
AT442
.394” Diameter
Snap-on Cap
Polycarbonate
Colors: A B C E F G H
Series: DB EB M2B MB20
MB25
AT443
.315” Diameter
Snap-on Cap
Polycarbonate
Colors: A B C E F G H
Series: DB EB M2B MB20
MB25
AT444
Bat Lever Conical Cap
Polyethylene
Colors: A B C E F G
Series: D2 M M2T
AT445
Cap for Color Tipped
Cone Toggle
Polycarbonate
Colors: A B C E F G
Series: M
(6.6) Dia
.260
(13.5)
.531
(10.7) Dia
.421
(6.7)
.264
(12.6)
.496
(16.0)
.630
(10.5)
.413
(15.3)
.602
(13.5)
.531
(8.0)
.315
(10.0) Dia
.394
(8.0) Dia
.315
(7.6)
.299
(11.5)
.452
(4.8) Dia
.189
(13.0)
.512
(19.0) Dia
.748
(11.0) Dia
.433
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(4.5)
.177
(3.0) Dia
.118
(14.3)
.563
(11.3)
.445
(9.8)
.386
(10.8)
.425
M6 P075. or
1/4-40 Thd
(4.6) Dia
.181
(16.2)
.638
(15.8)
.622
(9.78)
.385
(19.5)
.768
(57.0)
2.244
(30.0) Dia
1.181
(24.0)
.945
(15.6)
.614
(41.0)
1.614
(25.0) Dia
.984
(21.0)
.827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com