Electronic Components Datasheet Search
  English  ▼

X  

AT055 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AT055
Description  Accessories & Hardware
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT055 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AT055 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Accessories & Hardware
www.nkk.com
Y15
Y
AT513M
Hex Nut
Brass with nickel plating
Series: B D2 DB EB FR01 M
MB20 MB25 MR P
AT515 (M-metric H-inch)
Locking Ring for D Flat Bushing
Steel with zinc/chromate
Series: FR01 M MB24
AT516
O-ring
Nitrile butadiene rubber
Series: M MB20
AT518
Locking Ring
Steel with zinc/chromate
Series: HS PS TS
AT520
Split Lockwasher
Steel with zinc/chromate
Series: HS PS TS
AT526
Hex Mounting Nut
Steel with nickel plating
Series: HS PS TS
AT527 (M-metric H-inch)
Hex Mounting Nut
Steel with nickel plating
Series: M P S SB SCB
SK TL
AT527MA
Black Hex Face Nut
Steel with black chrome plating
Series: TL
AT529
Mounter for Square Cap
Stainless steel frame
GFR PBT spacer
Series: EB
AT530
Panel Mount for Single Pole
Polyamide & polyacetel
Colors: A B C E F G H
Series: A AB
AT531
Panel Mount for Single or
Double Pole
Polyamide & polyacetel
Colors: A B C E F G H
Series: A AB
AT532 (M-metric H-inch)
Dress Cap Nut
Brass with nickel plating
Series: EB M MB20 MB24 P
(9.0)
.354
(8.0)
.315
M6 P0.75
(1.5)
.059
(6.2) Dia
.244
(2.0)
.079
(0.8)
.031
(12.0) Dia
.472
(5.5)
.217
(0.9)
.035
(6.07) Dia
.239
(1.78)
.070
(9.63) Dia
.379
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(1.0)
.039
(2.8)
.110
(1.8)
.071
(10.2) Dia
.402
(18.2) Dia
.717
(13.4) Dia
.528
(10.4) Dia
.409
(1.0)
.039
M10 P0.75
(16.0)
.630
(14.0)
.551
(2.0)
.079
(14.0)
.551
(16.0)
.630
(2.0)
.079
M12 P1 or
15/32 32NS
(14.0)
.551
(16.0)
.630
(2.0)
.079
M12 P1
(11.5)
.453
(18.0)
.709
(12.2)
.480
(0.5)
.020
(2.8)
.110
(8.2) Dia
.323
(10.0) Dia
.394
(12.3)
.484
(12.6)
.496
(8.8)
.346
(1.5)
.059
(1.5)
.059
(12.3)
.484
(12.6) Sq
.496
(8.9)
.350
(9.5) Dia
.374
(3.0)
.118
M6 P0.75 or
1/4-40 Thd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com