Electronic Components Datasheet Search
  English  ▼

X  

ADS830E Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS830E
Description  8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS830E Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS830E Datasheet HTML 1Page - Burr-Brown (TI) ADS830E Datasheet HTML 2Page - Burr-Brown (TI) ADS830E Datasheet HTML 3Page - Burr-Brown (TI) ADS830E Datasheet HTML 4Page - Burr-Brown (TI) ADS830E Datasheet HTML 5Page - Burr-Brown (TI) ADS830E Datasheet HTML 6Page - Burr-Brown (TI) ADS830E Datasheet HTML 7Page - Burr-Brown (TI) ADS830E Datasheet HTML 8Page - Burr-Brown (TI) ADS830E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
®
ADS830
SPECIFICATIONS
At TA = full specified temperature range, single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, and external reference, unless otherwise noted.
ADS830E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PIN CONFIGURATION
Top View
SSOP
POWER SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
+4.75
+5.0
+5.25
V
Supply Current: +IS
Operating
37
45
mA
Power Dissipation: VDRV = 5V
External Reference
185
225
mW
VDRV = 3V
External Reference
170
mW
VDRV = 5V
Internal Reference
215
mW
VDRV = 3V
Internal Reference
200
mW
Thermal Resistance,
θ
JA
20-Lead SSOP
115
°C/W
NOTES: (1) Spurious Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to Full Scale. (3) Two-tone
intermodulation distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the two-tone fundamental
envelope. (4) Effective number of bits (ENOB) is defined by (SINAD – 1.76) /6.02. (5) A 50k
Ω pull-down resistor is inserted internally. (6) Excludes internal
reference.
PIN
DESIGNATOR
DESCRIPTION
1
GND
Ground
2
Bit 1
Data Bit 1 (D7) (MSB)
3
Bit 2
Data Bit 2 (D6)
4
Bit 3
Data Bit 3 (D5)
5
Bit 4
Data Bit 4 (D4)
6
Bit 5
Data Bit 5 (D3)
7
Bit 6
Data Bit 6 (D2)
8
Bit 7
Data Bit 7 (D1)
9
Bit 8
Data Bit 8 (D0) (LSB)
10
CLK
Convert Clock
11
RSEL
Input Range Select: HI = 2V; LO = 1V
12
INT/EXT
Reference Select: HI = External; LO = Internal
13
REFB
Bottom Reference
14
REFT
Top Reference
15
CM
Common-Mode Voltage Output
16
IN
Complementary Input
17
IN
Analog Input
18
GND
Ground
19
+VS
+5V Supply
20
VDRV
Output Logic Drive Supply Voltage
PIN DESCRIPTIONS
GND
Bit 1 (MSB)
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8 (LSB)
CLK
VDRV
+V
S
GND
IN
IN
CM
REFT
REFB
INT/EXT
RSEL
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ADS830
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER
MEDIA
ADS830E
20-Lead SSOP (QSOP)
349
–40
°C to +85°C
ADS830E
ADS830E
Rails
"
"
"
"
"
ADS830E/1K
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. For detailed Tape and Reel
mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
+VS ....................................................................................................... +6V
Analog Input ............................................................. –0.3V to (+VS + 0.3V)
Logic Input ............................................................... –0.3V to (+VS + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown recom-
mends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PRODUCT
DEMO BOARD
ADS830
DEM-ADS830E
DEMO BOARD ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com