Electronic Components Datasheet Search
  English  ▼

X  

ADS830E Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS830E
Description  8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS830E Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS830E Datasheet HTML 3Page - Burr-Brown (TI) ADS830E Datasheet HTML 4Page - Burr-Brown (TI) ADS830E Datasheet HTML 5Page - Burr-Brown (TI) ADS830E Datasheet HTML 6Page - Burr-Brown (TI) ADS830E Datasheet HTML 7Page - Burr-Brown (TI) ADS830E Datasheet HTML 8Page - Burr-Brown (TI) ADS830E Datasheet HTML 9Page - Burr-Brown (TI) ADS830E Datasheet HTML 10Page - Burr-Brown (TI) ADS830E Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
®
ADS830
FIGURE 5. Transformer Coupled Input.
FIGURE 6. Equivalent Reference Circuit with Recommended
Reference Bypassing.
V
IN
IN
IN
CM
22
Ω
22
Ω
47pF
R
T
47pF
+
10µF
0.1µF
INT/EXT
RSEL
+5V
ADS830
1:n
0.1µF
R
G
ADS830
REFT
CM
REFB
Bypass Capacitors: 0.1µF || 2.2µF each
Bandgap Reference and Logic
V
REF
400
Ω
400
Ω
+1
+1
+V
S
50k
Ω
50k
Ω
INT/EXT
RSEL
SINGLE-ENDED-TO-DIFFERENTIAL CONFIGURATION
(Transformer Coupled)
If the application requires a signal conversion from a single-
ended source to feed the ADS830 differentially, a RF trans-
former might be a good solution. The selected transformer
must have a center tap in order to apply the common-mode
DC voltage necessary to bias the converter inputs.
AC grounding the center tap will generate the differential
signal swing across the secondary winding. Consider a step-
up transformer to take advantage of a signal amplification
without the introduction of another noise source. Further-
more, the reduced signal swing from the source may lead to
an improved distortion performance.
The differential input configuration may provide a notice-
able advantage of achieving good SFDR performance over
a wide range of input frequencies. In this mode both inputs
of the ADS830 see closely matched impedances, and the
differential signal swing is reduced to half of the swing
required for single-ended drive. Figure 5 shows the sche-
matic for the suggested transformer coupled interface cir-
cuit. The component values of the R-C lowpass may be
optimized depending on the desired roll-off frequency. The
resistor across the secondary side (RT) should be calculated
using the equation RT = n2 x RG to match the source
impedance (RG) for good power transfer and VSWR.
REFERENCE OPERATION
Figure 6 depicts the simplified model of the internal refer-
ence circuit. The internal blocks are the bandgap voltage
reference, the drivers for the top and bottom reference, and
2Vp-p
NOTE: R
F = RIN, G = –1
V
IN
R
2
301
Ω
R
1
499
Ω
ADS830
R
S
39
Ω
47pF
0.1µF
IN
IN
CM (+2.5V)
INT/EXT
R
F
499
Ω
R
IN
499
Ω
V
CM = +1.25V
REFB
(+2.0V)
REFT
(+3.0V)
1/2
OPA2681
1/2
OPA2681
R
F
1k
Ω
50
Ω
0.1µF
0.1µF
RSEL
+V
S
+5V
+5V
FIGURE 4. DC-Coupled Interface Circuit with Dual Current-Feedback Amplifier OPA2681. The OPA2680 can be used in place
of the OPA2681 if a voltage feedback amplifier is preferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com