Electronic Components Datasheet Search
  English  ▼

X  

KBDSER16 Datasheet(PDF) 2 Page - ABCircuits

Part # KBDSER16
Description  Serial output encoder keyboards up to 16 switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

KBDSER16 Datasheet(HTML) 2 Page - ABCircuits

  KBDSER16 Datasheet HTML 1Page - ABCircuits KBDSER16 Datasheet HTML 2Page - ABCircuits KBDSER16 Datasheet HTML 3Page - ABCircuits KBDSER16 Datasheet HTML 4Page - ABCircuits KBDSER16 Datasheet HTML 5Page - ABCircuits KBDSER16 Datasheet HTML 6Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number KBDSER16
December 2012 Page 2 of 6
Example Circuits
+5
C5
.1
TXD
U2= MAX232 FOR 5V RS232
GND
1
2
3
4
5
6
7
8
9
*
0
#
A
B
C
D
KEYPAD
1
2
3
4
RS232
VCC
J1
DB9S
1
2
3
4
5
6
7
8
8
9
KBDSER16
11
5
12
13
14
15
1
2
3
4
6
7
9
10
18
8
16
19
20
17
COLX2
NC
COLX1
SOUT
NC
NC
ROWY1
ROWY2
ROWY3
ROWY4
NC
NC
COLX3
VSS
NC
COLX4
NC
NC
VDD
NC
C7
.1
C8
.1
C6
.1
VCC
U2
SEE NOTES
1
3
4
5
2
6
11
14
10
7
12
13
9
8
C1+
C1-
C2+
C2-
V+
V-
T1in
T1out
T2in
T2out
R1out
R1in
R2out
R2in
U2= MAX3232 FOR 3V RS232
PINS1X8
1
2
3
4
5
6
7
8
16 KEY RS-232 ENCODED KEYBOARD
VCC
RS485 OUT
U2 75176 FOR 5V
VCC
PINS1X7
1
2
3
4
5
6
7
U2
8
5
7
6
1
4
2
3
VCC
GND
-DO/-RI
DO / RI
RO
DI
-RE
DE
1
2
3
4
5
6
7
8
9
*
0
#
KEYPAD
1
2
3
4
VCC
KBDSER16
11
5
12
13
14
15
1
2
3
4
6
7
9
10
18
8
16
19
20
17
COLX2
NC
COLX1
SOUT
NC
NC
ROWY1
ROWY2
ROWY3
ROWY4
NC
NC
COLX3
VSS
NC
COLX4
NC
NC
VDD
NC
U2 MAX3485 FOR 3.3V
12 KEY RS-485 ENCODED KEYBOARD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com