Electronic Components Datasheet Search
  English  ▼

X  

KBDSER16 Datasheet(PDF) 3 Page - ABCircuits

Part # KBDSER16
Description  Serial output encoder keyboards up to 16 switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

KBDSER16 Datasheet(HTML) 3 Page - ABCircuits

  KBDSER16 Datasheet HTML 1Page - ABCircuits KBDSER16 Datasheet HTML 2Page - ABCircuits KBDSER16 Datasheet HTML 3Page - ABCircuits KBDSER16 Datasheet HTML 4Page - ABCircuits KBDSER16 Datasheet HTML 5Page - ABCircuits KBDSER16 Datasheet HTML 6Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number KBDSER16
December 2012 Page 3 of 6
+3.3
LANTRONIX
XPORT
1
2
3
4
5
6
7
8
GND
+3.3
-POR
OUT
IN
CP1
CP2
CP3
+3.3
PINS1X8
1
2
3
4
5
6
7
8
16 KEY ETHERNET KEYBOARD
1
2
3
4
5
6
7
8
9
*
0
#
A
B
C
D
KEYPAD
1
2
3
4
KBDSER16
11
5
12
13
14
15
1
2
3
4
6
7
9
10
18
8
16
19
20
17
COLX2
NC
COLX1
SOUT
NC
NC
ROWY1
ROWY2
ROWY3
ROWY4
NC
NC
COLX3
VSS
NC
COLX4
NC
NC
VDD
NC
Connection Diagram
KBDSER16
11
5
12
13
14
15
1
2
3
4
6
7
9
10
18
8
16
19
20
17
COLX2
NC
COLX1
SOUT
NC
NC
ROWY1
ROWY2
ROWY3
ROWY4
NC
NC
COLX3
VSS
NC
COLX4
NC
NC
VDD
NC
Pin Description
Pin #
Description
Pin #
Description
1
Row Y1
20
VDD
2
Row Y2
19
NC
3
Row Y3
18
NC
4
Row Y4
17
NC
5
NC
16
NC
6
NC
15
NC
7
NC
14
NC
8
Col X4
13
SOUT
9
Col X3
12
Col X1
10
VSS
21
Col X2
Col X1 – Col X4
These pins are open drain column driver outputs to the key matrix.
Row Y1 – Row Y4
These pins are the row inputs from the key matrix. These inputs have 5.6K (nominal) pull up
resistors on chip.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com