Electronic Components Datasheet Search
  English  ▼

X  

MN725 Datasheet(PDF) 1 Page - API Technologies Corp

Part # MN725
Description  Product Data Sheet Revision 022210
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MN725 Datasheet(HTML) 1 Page - API Technologies Corp

  MN725 Datasheet HTML 1Page - API Technologies Corp MN725 Datasheet HTML 2Page - API Technologies Corp MN725 Datasheet HTML 3Page - API Technologies Corp MN725 Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Spectrum Microwave
324 Clark Street Worcester, MA 01606
tel: 508-852-5400
MN725-0400.0000
Product Data Sheet
Revision 022210
MN725-0400.0000
Voltage Controlled SAW Oscillator
DESCRIPTION
The MN725-0400.0000 Voltage Controlled SAW
Oscillator (VCSO) is a member of Spectrum
Microwave MN725 series of high performance low
noise SAW oscillators designed for the military
applications.
The hermetic kovar package and rugged hybrid
construction provide low vibration sensitivity and
performance over a wide operating temperature
range.
The highly repeatable and linear tuning range
makes the MN725 family of VCSOs ideal for phase
locked applications.
The design is based upon a fundamental VCSO in
the 375 MHz to 750 MHz frequency range.
FEATURES
• Low phase Noise
o
-109 dBc/Hz at 1 kHz
• Low vibrations sensitivity
o
2 x10
-9 per g
• Hermetic Kovar package
o
1.0” x 1.0” x .2” SMT
• -55°C to 85°C operating range
• Rugged design for military applications
APPLICATIONS
• Phase Lock Loops
• Local Oscillators
• Low Noise Clocks
• Clock recovery
ABSOLUTE MAXIMUM RATINGS
Operating Temperature: -55°C to 100°C
Storage Temperature: -55°C to 125°C
Power Supply Voltage: 13V
Tuning Voltage: -2V to +6 V


Similar Part No. - MN725

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MN725-0400 APITECH-MN725-0400 Datasheet
682Kb / 4P
Voltage Controlled SAW Oscillator
MN725-0500 APITECH-MN725-0500 Datasheet
183Kb / 4P
Voltage Controlled SAW Oscillator
MN725-0500.0000 APITECH-MN725-0500.0000 Datasheet
183Kb / 4P
Product Data Sheet Revision 032510
MN725-0625 APITECH-MN725-0625 Datasheet
190Kb / 4P
Voltage Controlled SAW Oscillator
MN725-0625.0000 APITECH-MN725-0625.0000 Datasheet
190Kb / 4P
Product Data Sheet Revision 032510
More results

Similar Description - MN725

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MN725-2500.0000 APITECH-MN725-2500.0000 Datasheet
117Kb / 4P
Product Data Sheet Revision 100909
MN725-1250.0000 APITECH-MN725-1250.0000 Datasheet
326Kb / 4P
Product Data Sheet Revision 022210
MN725-0625.0000 APITECH-MN725-0625.0000 Datasheet
190Kb / 4P
Product Data Sheet Revision 032510
MN725-0500.0000 APITECH-MN725-0500.0000 Datasheet
183Kb / 4P
Product Data Sheet Revision 032510
logo
Silicon Laboratories
SI5347-46 SILABS-SI5347-46 Datasheet
210Kb / 13P
Data Sheet Errata for Product Revision B
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
Photocoupler Product Data Sheet
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1230R6R2B MURATA-PLA10AS1230R6R2B Datasheet
220Kb / 3P
Product Search Data Sheet
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
Product Search Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com