Electronic Components Datasheet Search
  English  ▼

X  

MN725 Datasheet(PDF) 2 Page - API Technologies Corp

Part # MN725
Description  Product Data Sheet Revision 022210
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MN725 Datasheet(HTML) 2 Page - API Technologies Corp

  MN725 Datasheet HTML 1Page - API Technologies Corp MN725 Datasheet HTML 2Page - API Technologies Corp MN725 Datasheet HTML 3Page - API Technologies Corp MN725 Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Spectrum Microwave
324 Clark Street Worcester, MA 01606
tel: 508-852-5400
MN725-0400.0000
Product Data Sheet
Revision 022210
SPECIFICATIONS
Specifications apply at Vcc = 8.0V and Tcase = 25°C unless other wise specified
Parameter
Minimum Typical Maximum Units
Notes
Center Frequency Range
400
MHz
Other frequencies
available (375 MHz
to 750 MHz)
Tuning Range
700
ppm
Vtune = 0.0V to
5.0V
Kvco
140
ppm/V
Tuning Linearity
-5
5
%
Deviation from best
linear fit
Output Power
8.0
10.0
12.0
dBm
-55°C to 85°C
Harmonic Spurious
-30
dBc
Non-harmonic Spurious
-60
dBc
SSB Phase Noise
∆f = 1
kHz
-109
dBc/Hz
∆f = 10
kHz
-132
dBc/Hz
∆f = 100
kHz
-152
dBc/Hz
∆f = 1
MHz
-160
dBc/Hz
∆f = 10
MHz
-160
dBc/Hz
Vcc
7.6
8
8.4
Volts
Consult Factory for
other available Vcc
Icc
90
120
mA
Operating Temperature
-55
85
°C
Case temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com