Electronic Components Datasheet Search
  English  ▼

X  

LD1022SS Datasheet(PDF) 18 Page - LDT Co., Ltd

Part # LD1022SS
Description  16 Channel Constant Current LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1022SS Datasheet(HTML) 18 Page - LDT Co., Ltd

Back Button LD1022SS Datasheet HTML 14Page - LDT Co., Ltd LD1022SS Datasheet HTML 15Page - LDT Co., Ltd LD1022SS Datasheet HTML 16Page - LDT Co., Ltd LD1022SS Datasheet HTML 17Page - LDT Co., Ltd LD1022SS Datasheet HTML 18Page - LDT Co., Ltd LD1022SS Datasheet HTML 19Page - LDT Co., Ltd LD1022SS Datasheet HTML 20Page - LDT Co., Ltd LD1022SS Datasheet HTML 21Page - LDT Co., Ltd LD1022SS Datasheet HTML 22Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Ver1.0
18
LD1022
16 Channel Constant Current LED Driver
APPLICATION CIRCUIT 2 (16x2 Static Type)
Data & Control Signal Connection for 16x2 Static Type Application
LD1022
OUT0
OUT15
R-EXT
OUT7
CLOCK
SDO
VDD
OEB
LE
SDI
OUT0
OUT15
R-EXT
GND
GND
OUT7
CLOCK
SDO
OEB
LE
SDI
LD1022
SDI
OEB
LE
CLOCK
VDD
VDD
VDD
VDD
VLED = 5V
D00
D07
D015
I0
I7
I15
RL
RL
RL
VLED = 5V
D10
D17
D115
I0
I7
I15
RL
RL
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com