Electronic Components Datasheet Search
  English  ▼

X  

LD1022SS Datasheet(PDF) 5 Page - LDT Co., Ltd

Part # LD1022SS
Description  16 Channel Constant Current LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1022SS Datasheet(HTML) 5 Page - LDT Co., Ltd

  LD1022SS Datasheet HTML 1Page - LDT Co., Ltd LD1022SS Datasheet HTML 2Page - LDT Co., Ltd LD1022SS Datasheet HTML 3Page - LDT Co., Ltd LD1022SS Datasheet HTML 4Page - LDT Co., Ltd LD1022SS Datasheet HTML 5Page - LDT Co., Ltd LD1022SS Datasheet HTML 6Page - LDT Co., Ltd LD1022SS Datasheet HTML 7Page - LDT Co., Ltd LD1022SS Datasheet HTML 8Page - LDT Co., Ltd LD1022SS Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Ver1.0
5
LD1022
16 Channel Constant Current LED Driver
TERMINAL DESCRIPTION
EQUIVALENT CIRCUIT OF INPUTS AND OUTPUTS
OEB terminal
VDD
OEB
GND
2. LE terminal
VDD
LE
GND
3. CLK, SDI terminal
VDD
GND
4. SDO terminal
VDD
(DATA)
GND
CLOCK,
SDI
SDO
5V supply voltage terminal
VDD
24
Input terminal used to connect an external resistor for setting up all output
current
R-EXT
23
Serial-data output to the following SDI of next driver IC
SDO
22
Output enable terminal When (active) low, the output drivers are enabled;
when high, all output drivers are turned OFF (blanked).
OEB
21
Constant current output terminals
IOUT0 ~
IOUT15
5~20
Data strobe input terminal Serial data is latched at the falling edge of LE
Also, a control signal input for Current Adjust mode
LE
4
Clock input terminal for data shift on rising edge
CLK
3
Serial-data input to the Shift Register
SDI
2
Ground terminal for control logic and current sink
GND
1
Function
Pin Name
Pin No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com