Electronic Components Datasheet Search
  English  ▼

X  

ISO124 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ISO124
Description  Precision Lowest Cost ISOLATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO124 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ISO124 Datasheet HTML 1Page - Burr-Brown (TI) ISO124 Datasheet HTML 2Page - Burr-Brown (TI) ISO124 Datasheet HTML 3Page - Burr-Brown (TI) ISO124 Datasheet HTML 4Page - Burr-Brown (TI) ISO124 Datasheet HTML 5Page - Burr-Brown (TI) ISO124 Datasheet HTML 6Page - Burr-Brown (TI) ISO124 Datasheet HTML 7Page - Burr-Brown (TI) ISO124 Datasheet HTML 8Page - Burr-Brown (TI) ISO124 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
®
ISO124
Time (
µs)
Time (
µs)
+10
0
–10
0
STEP RESPONSE
500
1000
TYPICAL PERFORMANCE CURVES
At TA = +25°C, and VS = ±15V, unless otherwise noted.
+10
0
–10
0
SINE RESPONSE
(f = 2kHz)
SINE RESPONSE
(f = 20kHz)
Time (
µs)
+10
0
–10
0
100
50
Time (
µs)
+10
0
–10
0
STEP RESPONSE
100
50
1000
500
ISOLATION VOLTAGE
vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
100M
1k
100
0
2.1k
Degraded
Performance
Typical
Performance
Max DC Rating
IMR vs FREQUENCY
Frequency (Hz)
160
140
120
100
80
60
40
1
10
100
1k
10k
100k
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com