Electronic Components Datasheet Search
  English  ▼

X  

ISO124 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ISO124
Description  Precision Lowest Cost ISOLATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO124 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ISO124 Datasheet HTML 3Page - Burr-Brown (TI) ISO124 Datasheet HTML 4Page - Burr-Brown (TI) ISO124 Datasheet HTML 5Page - Burr-Brown (TI) ISO124 Datasheet HTML 6Page - Burr-Brown (TI) ISO124 Datasheet HTML 7Page - Burr-Brown (TI) ISO124 Datasheet HTML 8Page - Burr-Brown (TI) ISO124 Datasheet HTML 9Page - Burr-Brown (TI) ISO124 Datasheet HTML 10Page - Burr-Brown (TI) ISO124 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
®
ISO124
1
2
7
9
10
8
PGA102
ISO124
ISO150
1
2
3
16
4
6
7
8
5
15
15
+15V –15V
+15V –15V
V
IN
V
OUT
A
0
A
1
above 250kHz, the behavior is similar to that of a sampling
amplifier. The signal response to inputs greater than 250kHz
performance curve shows this behavior graphically; at input
frequencies above 250kHz the device generates an output
signal component of reduced magnitude at a frequency
below 250kHz. This is the aliasing effect of sampling at
frequencies less than 2 times the signal frequency (the
Nyquist frequency). Note that at the carrier frequency and its
harmonics, both the frequency and amplitude of the aliasing
go to zero.
ISOLATION MODE VOLTAGE INDUCED ERRORS
IMV can induce errors at the output as indicated by the plots of
IMV vs Frequency. It should be noted that if the IMV frequency
exceeds 250kHz, the output also will display spurious outputs
(aliasing) in a manner similar to that for VIN >250kHz and the
amplifier response will be identical to that shown in the “Signal
Response to Inputs Greater Than 250kHz” typical performance
curve. This occurs because IMV-induced errors behave like input-
referred error signals. To predict the total error, divide the isolation
voltage by the IMR shown in the “IMR versus Frequency” typical
performance curve and compute the amplifier response to this
input-referred error signal from the data given in the “Signal
Response to Inputs Greater Than 250kHz” typical performance
curve. For example, if a 800kHz 1000Vrms IMR is present, then
a total of [(–60dB) + (–30dB)] x (1000V) = 32mV error signal at
200kHz plus a 1V, 800kHz error signal will be present at the
output.
HIGH IMV dV/dt ERRORS
As the IMV frequency increases and the dV/dt exceeds
1000V/
µs, the sense amp may start to false trigger, and the
output will display spurious errors. The common-mode
current being sent across the barrier by the high slew rate is
the cause of the false triggering of the sense amplifier.
Lowering the power supply voltages below
±15V may
decrease the dV/dt to 500V/
µs for typical performance.
HIGH VOLTAGE TESTING
Burr-Brown Corporation has adopted a partial discharge test
criterion that conforms to the German VDE0884 Optocou-
pler Standards. This method requires the measurement of
minute current pulses (<5pC) while applying 2400Vrms,
60Hz high voltage stress across every ISO124 isolation
barrier. No partial discharge may be initiated to pass
this test. This criterion confirms transient overvoltage
(1.6 x 1500Vrms) protection without damage to the ISO124.
Lifetest results verify the absence of failure under continu-
ous rated voltage and maximum temperature.
This new test method represents the “state-of-the art” for
non-destructive high voltage reliability testing. It is based on
the effects of non-uniform fields that exist in heterogeneous
dielectric material during barrier degradation. In the case of
void non-uniformities, electric field stress begins to ionize
the void region before bridging the entire high voltage
barrier. The transient conduction of charge during and after
the ionization can be detected externally as a burst of 0.01-
0.1
µs current pulses that repeat on each ac voltage cycle.
The minimum ac barrier voltage that initiates partial dis-
charge is defined as the “inception voltage.” Decreasing the
barrier voltage to a lower level is required before partial
discharge ceases and is defined as the “extinction voltage.”
We have characterized and developed the package insulation
processes to yield an inception voltage in excess of 2400Vrms
so that transient overvoltages below this level will not
damage the ISO124. The extinction voltage is above
1500Vrms so that even overvoltage induced partial dis-
charge will cease once the barrier voltage is reduced to the
1500Vrms (rated) level. Older high voltage test methods
relied on applying a large enough overvoltage (above rating)
to break down marginal parts, but not so high as to damage
good ones. Our new partial discharge testing gives us more
confidence in barrier reliability than breakdown/no break-
down criteria.
FIGURE 3. Programmable-Gain Isolation Channel with
Gains of 1, 10, and 100.
FIGURE 2. Basic Signal and Power Connections.
+V
S1
+V
S2
Gnd
Gnd
V
IN
V
OUT
–V
S1
±V
S1
±V
S2
–V
S2
1µF
1µF 1µF
1µF
Isolation Barrier
ISO124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com