Electronic Components Datasheet Search
  English  ▼

X  

LR8401 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR8401
Description  Synchronous Step-Up DC/DC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8401 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR8401 Datasheet HTML 1Page - Leshan Radio Company LR8401 Datasheet HTML 2Page - Leshan Radio Company LR8401 Datasheet HTML 3Page - Leshan Radio Company LR8401 Datasheet HTML 4Page - Leshan Radio Company LR8401 Datasheet HTML 5Page - Leshan Radio Company LR8401 Datasheet HTML 6Page - Leshan Radio Company LR8401 Datasheet HTML 7Page - Leshan Radio Company LR8401 Datasheet HTML 8Page - Leshan Radio Company LR8401 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNITS
VOUT Pin Voltage
VOUT
VSS-0.3 ~ VSS+8
V
EN
Pin Voltage
EN
VSS-0.3 ~ VSS+8
V
LX
Pin Voltage
VLX
VSS-0.3 ~ VSS+8
V
LX
Pin Current
ILX
1000
mA
Power
Dissipation
SOT-23
PD
250
mW
SOT23-3/SOT-23-5
250
mW
SOT-89-3
500
mW
TO-92
500
mW
Operating Temperature
Topr
-40 ~+85
°C
Storage Temperature
Tstg
-40 ~+125
°C
Soldering Temperature & Time
Tsolder
260°C, 10s
 ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Ta=25°C)
PARAMETER
SYNBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VOUT
-
VOUT(S)
×0.98
VOUT
VOUT(S)
×1.02
V
Input Voltage
VIN
-
-
-
5
V
Operation Start Voltage
VST1
IOUT= 1 mA
-
-
0.9
V
Input Current At No Load
ISS
VIN=1.8V,VOUT=3.0V
-
15
-
µA
Current Consumption 2
ISS2
VOUT=VOUT+0.5 V
-
6
10
µA
Current Consumption
During Shutdown
ISSS
VEN = 0 V
-
-
1.0
µA
Maximum Oscillation
Frequency
fOSC
VOUT= 0.95×VOUT, measure
waveform at LX pin
300
KHz
Duty Ratio 1
Duty1
VOUT= 0.95×VOUT,
measure waveform at
LX pin
70
78
85
%
Efficiency
EFFI
90
%
Shutdown Pin Input
Voltage
VSH
VOUT=0.95×VOUT, judge
oscillation at LX pin
0.75
-
-
V
VSL1
VOUT= 0.95×VOUT,
judge stop at LX pin
-
-
0.3
V
Shutdown Pin Input
Current
ISH
VEN=6V
-0.1
-
0.1
µA
ISL
VEN=0V
-0.1
-
0.1
µA
Remark:VOUT(S) specified above is the set output voltage value, and VOUT is the typical value of
the actual output voltage.
LESHAN RADIO COMPANY, LTD.
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com