Electronic Components Datasheet Search
  English  ▼

X  

LR8401 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR8401
Description  Synchronous Step-Up DC/DC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8401 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR8401 Datasheet HTML 1Page - Leshan Radio Company LR8401 Datasheet HTML 2Page - Leshan Radio Company LR8401 Datasheet HTML 3Page - Leshan Radio Company LR8401 Datasheet HTML 4Page - Leshan Radio Company LR8401 Datasheet HTML 5Page - Leshan Radio Company LR8401 Datasheet HTML 6Page - Leshan Radio Company LR8401 Datasheet HTML 7Page - Leshan Radio Company LR8401 Datasheet HTML 8Page - Leshan Radio Company LR8401 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Synchronous Step-Up DC/DC Converter with PFM Control
CE8401 Series
Synchronous Step-Up DC/DC
Converter with PFM Control
LR8401 Series
 INTRODUCTION
The LR8 401 Series is a Synchronous
step-up DC/DC Converter with PFM Control.
With the LR8 401 Series, a step-up
switching DC/DC converter can be configured
by using an external coil, capacitor. The
built-in MOSFET is turned off by a protection
circuit when the voltage at the LX pin exceeds
the limit to prevent it from being damaged.
 FEATURES
External parts: Coil, capacitor
Output voltage: Settable to between 2.1V
to 5.5 V in 0.1 V steps
Maximum Oscillation frequency:300KHz
Accuracy of ±2%
High efficiency:95%
APPLICATIONS
Digital cameras
Electronic notebooks and PDAs
Portable CD/MD players
Cameras, video equipment,
Communications equipment
Power supply for microcomputers
 BLOCK DIAGRAM
 ORDER INFORMATION
LX
EN
VOUT
VSS
Current
Limiting
comparator
buffer
PFM
control
OSC
Chip
Enable
ref
Error
Amplifier
DESIGNATOR
SYMBOL
DESCRIPTION
①
A
Standard LX
B
With shutdown, LX
②③
Integer
Output Voltage
(2.1~5.5)
e.g.:3.0V=②:3; ③:0
④
M
Package:SOT-23-3/5
MB
Package:SOT-23
P
Package:SOT-89
T
Package:TO92
LR8401①②③④
LESHAN RADIO COMPANY, LTD.
1/10


Similar Part No. - LR8401

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
1.1A 1.2MHz Synchronous Boost Converter
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
LR8406A33E LRC-LR8406A33E Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
LR8406A50E LRC-LR8406A50E Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
LR8406AE LRC-LR8406AE Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
More results

Similar Description - LR8401

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1700 LINER-LTC1700 Datasheet
194Kb / 16P
No RSENSE Synchronous Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
Step-Up Synchronous PFM DC/DC Converter
logo
Linear Technology
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
550mA 2MHz Synchronous Step-Up DC/DC Converters
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
PFM Synchronous Step-up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com