Electronic Components Datasheet Search
  English  ▼

X  

ISO508P Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO508P
Description  Uni-Directional ISOLATED DIGITAL COUPLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO508P Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ISO508P Datasheet HTML 1Page - Burr-Brown (TI) ISO508P Datasheet HTML 2Page - Burr-Brown (TI) ISO508P Datasheet HTML 3Page - Burr-Brown (TI) ISO508P Datasheet HTML 4Page - Burr-Brown (TI) ISO508P Datasheet HTML 5Page - Burr-Brown (TI) ISO508P Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
®
ISO508
DATA CORRUPTION
In either synchronous or asynchronous mode if the data is
upset by a transient the complete transmission is invalid.
However, in asynchronous mode the data is being sent
continuously and will therefore correct the corrupted infor-
mation within a maximum of 1
µs. In synchronous mode,
data transfer is under the control of the user, and retransmis-
sion would be required by the software.
DATA TRANSMISSION AND JITTER
Because the internal 20MHz clock is free-running, two
“jitter” conditions are possible. In synchronous mode when
LEI goes low data will be transmitted (clocked) across the
barrier. Depending on when LEI goes low, in relation to the
internal clock cycle, will determine the “jitter” between
successive input data transfers. This can be maximum of
50ns.
In asynchronous mode the input data is transferred by the
internal clock and logic control, i.e., 2 sync. Clock cycles.,
(S0, and S1), 8 data clock cycles. Depending on when the
input data is presented, in relation to the start of the data
block transmission, will determine the “jitter” between suc-
cessive input data transfers. This can be maximum of 500ns.
FIGURE 4. Data Corruption.
FIGURE 5. Jitter in Synchronous Mode.
FIGURE 6. Jitter in Asynchronous Mode.
FIGURE 7. Timing Diagrams.
INPUT DATA
LEI
INT. CLK
“JITTER”
INPUT
DATA
LEI
INT. CLK
“JITTER”
210
S1
S0
765
4321
LEO
DATA OUT
OE
t
DD
t
EN
t
DIS
t
WH
LEI
DATA IN
DATA OUT
t
H
t
WL
t
PD(sync)
DATA IN
DATA OUT
t
PD(sync)
t
SU
n–1
INPUT DATA
LEI
BARRIER
LEO
DATA n+1
DATA n+2
DATA n
OUTPUT DATA
DATA n–1
Invalid
DATA n+1
ACTIVE
ACTIVE
ACTIVE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com