Electronic Components Datasheet Search
  English  ▼

X  

ISO508P Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO508P
Description  Uni-Directional ISOLATED DIGITAL COUPLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO508P Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ISO508P Datasheet HTML 1Page - Burr-Brown (TI) ISO508P Datasheet HTML 2Page - Burr-Brown (TI) ISO508P Datasheet HTML 3Page - Burr-Brown (TI) ISO508P Datasheet HTML 4Page - Burr-Brown (TI) ISO508P Datasheet HTML 5Page - Burr-Brown (TI) ISO508P Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
ISO508
Uni-Directional
ISOLATED DIGITAL COUPLERS
FEATURES
q LOW POWER CONSUMPTION:
< 12mW per Channel Typ.
q 1500Vrms ISOLATION:
100% Tested by Partial Discharge
q ASYNCHRONOUS OR SYNCHRONOUS
OPERATION
q DOUBLE BUFFERED DESIGN FOR
EASY INTEGRATION INTO BUS-BASED
SYSTEMS
q TRI-STATE OUTPUTS
q 24-PIN PDIP OR GULL WING PACKAGES
q 2MWORDS/SEC TRANSFER RATE
q 1
µSEC TRANSIENT RECOVERY
APPLICATIONS
q PARALLEL ADCs/DACs
q DIGITAL INTERFACES
q DIGITAL TRANSMISSION
q GROUND-LOOP ISOLATION
ISO508
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
ISO508
ISO508
©1998 Burr-Brown Corporation
PDS-1422B
Printed in U.S.A. June, 1999
DESCRIPTION
ISO508 is an 8-channel, isolated, digital coupler based
on the Burr-Brown capacitive barrier technology. The
ISO508 has additional circuitry to ensure DC accuracy
and overcome the edge-sensitive nature of normal
capacitive devices even on power-up conditions. The
novel circuitry involved will restore the correct output
after a transient interruption should that be necessary.
The ISO508 is designed with input and output
buffers for ease of integration into a
µP bus system.
The output buffer has tri-state capability, and by
the use of OE, the output data bus lines can be
made to go high impedance. This feature of the
ISO508, which allows multiple access to a data
bus, requires extra circuitry when using an alterna-
tive solution.
ISO508 will transfer an 8-bit word at rates up to
2Mwords/s without the skew problems associated
in implementing this function with optocouplers.
The ISO508 is available in 24-pin PDIP or 24-pin
Gull Wing packages. Both are specified for opera-
tion from –40
°C to +85°C.
L
A
T
C
H
DATA
IN
LEI
CONT
L
A
T
C
H
S
H
I
F
T
S
H
I
F
T
DATA
OUT
OE
LEO
L
A
T
C
H
L
A
T
C
H
For most current data sheet and other product
information, visit www.burr-brown.com


Similar Part No. - ISO508P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
ISO5125I POWERINT-ISO5125I Datasheet
665Kb / 9P
High-Voltage Insulated DC/DC Power Supply for SCALE™-2
2020-08-19
ISO5125R-100 POWERINT-ISO5125R-100 Datasheet
653Kb / 7P
High Voltage Insulated DC-DC Power Supply
January 2024
ISO5125R-120 POWERINT-ISO5125R-120 Datasheet
653Kb / 7P
High Voltage Insulated DC-DC Power Supply
January 2024
ISO5125R-45 POWERINT-ISO5125R-45 Datasheet
653Kb / 7P
High Voltage Insulated DC-DC Power Supply
January 2024
ISO5125R-65 POWERINT-ISO5125R-65 Datasheet
653Kb / 7P
High Voltage Insulated DC-DC Power Supply
January 2024
More results

Similar Description - ISO508P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO518 BURR-BROWN-ISO518 Datasheet
170Kb / 5P
Bidirectional ISOLATED DIGITAL COUPLERS
logo
Anaren Microwave
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
Directional Couplers
logo
Merrimac Industries, In...
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
DIRECTIONAL COUPLERS
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
Directional Couplers
logo
Mini-Circuits
DBTC-6-4-75L MINI-DBTC-6-4-75L Datasheet
316Kb / 1P
Directional Couplers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com