Electronic Components Datasheet Search
  English  ▼

X  

C860 Datasheet(PDF) 12 Page - EPCOS

Part # C860
Description  PTC thermistors for overcurrent protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C860 Datasheet(HTML) 12 Page - EPCOS

Back Button C860 Datasheet HTML 8Page - EPCOS C860 Datasheet HTML 9Page - EPCOS C860 Datasheet HTML 10Page - EPCOS C860 Datasheet HTML 11Page - EPCOS C860 Datasheet HTML 12Page - EPCOS C860 Datasheet HTML 13Page - EPCOS C860 Datasheet HTML 14Page - EPCOS C860 Datasheet HTML 15Page - EPCOS C860 Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Cautions and warnings
General
EPCOS thermistors are designed for specific applications and should not be used for purposes
not identified in our specifications, application notes and data books unless otherwise agreed
with EPCOS during the design-in-phase.
Ensure suitability of thermistor through reliability testing during the design-in phase. The ther-
mistors should be evaluated taking into consideration worst-case conditions.
Storage
Store thermistors only in original packaging. Do not open the package before storage.
Storage conditions in original packaging: storage temperature
25
°C ... +45 °C, relative hu-
midity
≤75% annual mean, maximum 95%, dew precipitation is inadmissible.
Avoid contamination of thermistors surface during storage, handling and processing.
Avoid storage of thermistor in harmful environment with effect on function on long-term opera-
tion (examples given under operation precautions).
Use thermistor within the following period after delivery:
Through-hole devices (housed and leaded PTCs): 24 months
Motor protection sensors, glass-encapsulated sensors and probe assemblies: 24 months
Telecom pair and quattro protectors (TPP, TQP): 24 months
Leadless PTC thermistors for pressure contacting: 12 months
Leadless PTC thermistors for soldering: 6 months
SMDs in EIA sizes 3225 and 4032, and for PTCs with metal tags: 24 months
SMDs in EIA sizes 0402, 0603, 0805 and 1210: 12 months
Handling
PTCs must not be dropped. Chip-offs must not be caused during handling of PTCs.
Components must not be touched with bare hands. Gloves are recommended.
Avoid contamination of thermistor surface during handling.
Soldering (where applicable)
Use rosin-type flux or non-activated flux.
Insufficient preheating may cause ceramic cracks.
Rapid cooling by dipping in solvent is not recommended.
Complete removal of flux is recommended.
Standard PTC heaters are not suitable for soldering.
Overcurrent protection
Leaded disks, coated, 230 V
C810 ... C890
Page 12 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com