Electronic Components Datasheet Search
  English  ▼

X  

C860 Datasheet(PDF) 4 Page - EPCOS

Part # C860
Description  PTC thermistors for overcurrent protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C860 Datasheet(HTML) 4 Page - EPCOS

  C860 Datasheet HTML 1Page - EPCOS C860 Datasheet HTML 2Page - EPCOS C860 Datasheet HTML 3Page - EPCOS C860 Datasheet HTML 4Page - EPCOS C860 Datasheet HTML 5Page - EPCOS C860 Datasheet HTML 6Page - EPCOS C860 Datasheet HTML 7Page - EPCOS C860 Datasheet HTML 8Page - EPCOS C860 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Reliability data
Test
Standard
Test conditions
∆R25/R25
Electrical endurance,
cycling
IEC 60738-1
Room temperature, ISmax; Vmax
Number of cycles: 100
< 25%
Electrical endurance,
constant
IEC 60738-1
Storage at Vmax /Top,max (Vmax)
Test duration: 1000 h
< 25%
Damp heat
IEC 60738-1
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
Test according to IEC 60068-2-78
< 10%
Rapid change
of temperature
IEC 60738-1
T1 = Top,min (0 V), T2 = Top,max (0 V)
Number of cycles: 5
Test duration: 30 min
Test according to IEC 60068-2-14, test Na
< 10%
Vibration
IEC 60738-1
Frequency range: 10 to 55 Hz
Displacement amplitude: 0.75 mm
Test duration: 3
× 2 h
Test according to IEC 60068-2-6, test Fc
< 5%
Shock
IEC 60738-1
Acceleration: 390 m/s2
Pulse duration: 6 ms; 6
× 4000 pulses
< 5%
Climatic sequence
IEC 60738-1
Dry heat: T = Top,max (0 V)
Test duration: 16 h
Damp heat first cycle
Cold: T = Top,min (0 V)
Test duration: 2 h
Damp heat 5 cycles
Tests performed according to
IEC 60068-2-30
< 10%
Overcurrent protection
Leaded disks, coated, 230 V
C810 ... C890
Page 4 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com