Electronic Components Datasheet Search
  English  ▼

X  

UGP20F Datasheet(PDF) 7 Page - Leshan Radio Company

Part # UGP20F
Description  Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current2.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

UGP20F Datasheet(HTML) 7 Page - Leshan Radio Company

  UGP20F Datasheet HTML 1Page - Leshan Radio Company UGP20F Datasheet HTML 2Page - Leshan Radio Company UGP20F Datasheet HTML 3Page - Leshan Radio Company UGP20F Datasheet HTML 4Page - Leshan Radio Company UGP20F Datasheet HTML 5Page - Leshan Radio Company UGP20F Datasheet HTML 6Page - Leshan Radio Company UGP20F Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4. Update Record
版次
1
2
1.增加包装规范。
周杰
2011-10-28
UGP20A thru UGP20K
更新日期
2010-7-28
更新作者
余波
更新记录
第一版



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com