Electronic Components Datasheet Search
  English  ▼

X  

UGP20F Datasheet(PDF) 1 Page - Leshan Radio Company

Part # UGP20F
Description  Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current2.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

UGP20F Datasheet(HTML) 1 Page - Leshan Radio Company

  UGP20F Datasheet HTML 1Page - Leshan Radio Company UGP20F Datasheet HTML 2Page - Leshan Radio Company UGP20F Datasheet HTML 3Page - Leshan Radio Company UGP20F Datasheet HTML 4Page - Leshan Radio Company UGP20F Datasheet HTML 5Page - Leshan Radio Company UGP20F Datasheet HTML 6Page - Leshan Radio Company UGP20F Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
* Ideally suited for use in very high frequency switching
* power supplies, inverters and as free wheeling diodes
* Ultrafast recovery time for high efficiency
* Excellent high temperature switching
* Soft recovery characteristics
* Cavity-free glass passivated junction
* High temperature soldering guaranteed:
* 260
°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-15, molded plastic over glass DIE
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.015oz., 0.40 g
Handling precautin:None
1.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25
°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
UGP20
A
UGP20
B
UGP20
D
UGP20
F
UGP20
G
UGP20
J
UGP20
K
Unit
device marking code
UGP20
A
UGP20
B
UGP20
D
UGP20
F
UGP20
G
UGP20
J
UGP20
K
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
600
800V
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA =55°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°C
IR(AV)
µA
Typical thermal resistance (Note 2)
R
θJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25
°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
UGP20
A
UGP20
B
UGP20
D
UGP20
F
UGP20
G
UGP20
J
UGP20
K
Unit
Maximum instantaneous forward voltage at 2.0A
VF
1.70
2.20V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 125
°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
UGP20A thru UGP20K
Glass Passivated Junction Ultra Fast Rectifiers
Reverse Voltage 50 to 800V Forward Current2.0A
35
22
2.0
0.95
1.25
60
65
40
–50 to +150
100
10
100
We declare that the material of product
compliance with ROHS requirements


Similar Part No. - UGP20F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP20F ZOWIE-UGP20F Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED ULTRAFAST EFFICIENT RECTIFIER
logo
Galaxy Semi-Conductor H...
UGP20F BILIN-UGP20F Datasheet
65Kb / 2P
ULTRA FAST RECTIFIER
logo
Diode Semiconductor Kor...
UGP20F DSK-UGP20F Datasheet
260Kb / 2P
ULTRA FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
UGP20F BILIN-UGP20F Datasheet
253Kb / 2P
ULTRA FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UGP20F LUGUANG-UGP20F Datasheet
1Mb / 2P
Ultra Fast Rectifier
More results

Similar Description - UGP20F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF61G LRC-SF61G Datasheet
245Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
UG2A LRC-UG2A Datasheet
177Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 200V Forward Current 2.0A
UGP10A LRC-UGP10A Datasheet
183Kb / 7P
Glass Passivated Junction Uitra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current 1.0A
UGP30A LRC-UGP30A Datasheet
332Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current3.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMBF260 LRC-LUMBF260 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com