Electronic Components Datasheet Search
  English  ▼

X  

GSW-0807 Datasheet(PDF) 2 Page - Level One

Part # GSW-0807
Description  8 Gigabit Ethernet ports 1000Mbps-Full-duplex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GSW-0807 Datasheet(HTML) 2 Page - Level One

  GSW-0807 Datasheet HTML 1Page - Level One GSW-0807 Datasheet HTML 2Page - Level One GSW-0807 Datasheet HTML 3Page - Level One GSW-0807 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- Supports 8K MAC address auto-learning and auto-aging
- 9K jumbo frames to increase data transfer rates
- IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
- Provides wall or desktop mounting
- Quick and easy installation
- LED indicator for monitoring link/activity
- Minimize carbon footprint with advanced energy efficient technology (IEEE 802.3az)
Specifications
System Specifications
Buffer Memory (KB):
1024KB
Connectors and Cabling:
8 x 10/100/1000Base-T RJ-45 Port
Indicator:
Power; Link/Active
Transmission Method:
Store-and-Forward
Power:
Power Input: DC 5V/1A
Power Consumption: < 3W
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3ab 1000-BASE-T, Gigabit Ethernet
IEEE 802.3x Flow Control (full-duplex flow control)
IEEE 802.3az Energy Efficient Technology
Performance
Backplane (Gbps):
16Gbps
MAC Address Table:
8K
Packet Forwarding Rate:
1000Mbps port - 1,488,000pps
100Mbps port - 148,000pps
10Mbps port - 14,880pps
Jumbo Frame (K):
9K
Environment
Power Saving:
IEEE 802.3az Energy Efficient Technology: Active Link Detection; Cable Length Detection; Sleep Mode
Temperature (°C):
Operating: 0°C ~ 40°C
Storage: - 40°C ~ 70°C
Humidity (Non-condensing):
Storage: 5% ~ 90%
Operating: 10% ~ 90%
www.level1.com
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com