Electronic Components Datasheet Search
  English  ▼

X  

GSW-0807 Datasheet(PDF) 1 Page - Level One

Part # GSW-0807
Description  8 Gigabit Ethernet ports 1000Mbps-Full-duplex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GSW-0807 Datasheet(HTML) 1 Page - Level One

  GSW-0807 Datasheet HTML 1Page - Level One GSW-0807 Datasheet HTML 2Page - Level One GSW-0807 Datasheet HTML 3Page - Level One GSW-0807 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GSW-0807 Version: 4
8-Port Gigabit Switch
The LevelOne GSW-0807 Gigabit Ethernet Switch is designed for reliable high-performance networking.
With its non-blocking switching fabric in full-duplex mode, this switch can deliver up to 2000Mbps per port,
while the Store-and-Forward service brings low latency and error-free packet delivery. This
highperformance Gigabit Ethernet switch is perfect for fulfilling the demands of online gaming and
multimedia streaming. Moreover, this switch also supports IEEE 802.3az Energy Efficient Ethernet which
helps reduce power consumption.
Power Saving Features
The GSW-0807 supports IEEE 802.3az Energy Efficient Ethernet to provide power-saving benefits without
compromising performance. One of the ways it does this is by automatically detecting the length of
connected cables and can adjust power usage by saving energy on shorter cable connections.
Compact and Stylish Design
The stylish, compact wall-mountable housing of GSW-0807 fits any working environment. It comes
with 8 10/100/1000Mbps ports to meet SOHO and home network expansion needs.
Easy to Use
The GSW-0807 features plug-and-play for easy installation. No configuration is required. Autonegotiation
on each port senses the link speed of a network device and adjusts for compatibility and optimal
performance.
Key Features
- 8 Gigabit Ethernet ports
- 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
www.level1.com
Page 1 of 4


Similar Part No. - GSW-0807

ManufacturerPart #DatasheetDescription
logo
Level One
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
8-Port Gigabit Ethernet Switch
More results

Similar Description - GSW-0807

ManufacturerPart #DatasheetDescription
logo
Level One
GEP-1020 LVL1-GEP-1020_14 Datasheet
489Kb / 5P
8 PoE-Plus Gigabit Ethernet ports and 2 Gigabit SFP slots 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
GEP-1021 LVL1-GEP-1021_14 Datasheet
490Kb / 5P
8 PoE-Plus Gigabit Ethernet ports and 2 Gigabit SFP slots 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
GEP-1621 LVL1-GEP-1621 Datasheet
436Kb / 5P
16 PoE-Plus Gigabit Ethernet ports 10/100/1000Mbps wire speed transmission and reception
logo
Axiomtek Co., Ltd.
ICO300 AXIOMTEK-ICO300_16 Datasheet
418Kb / 2P
2 isolated 10/100/1000Mbps Ethernet ports
ICO300-MI AXIOMTEK-ICO300-MI_16 Datasheet
392Kb / 2P
2 isolated 10/100/1000Mbps Ethernet ports
NA360 AXIOMTEK-NA360 Datasheet
213Kb / 1P
Supports eight 10/100/1000Mbps Ethernet ports
NA361 AXIOMTEK-NA361_16 Datasheet
252Kb / 1P
Supports six 10/100/1000Mbps Ethernet ports
logo
Level One
GTL-2060 LVL1-GTL-2060 Datasheet
212Kb / 4P
20-Port L2 Managed Gigabit Ethernet Switch, 12 Ports SFP Plus 10-Gigabit, 8 ports Gigabit Ethernet
logo
Moxa Inc.
EDS-G512E MOXA-EDS-G512E Datasheet
933Kb / 7P
12G-port (with 8 PoE ports option) full Gigabit managed Ethernet switches
TN-G6500 MOXA-TN-G6500 Datasheet
867Kb / 5P
EN 50155 Full Gigabit Ethernet switches with up to 8 PoE ports
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com