Electronic Components Datasheet Search
  English  ▼

X  

USB-0502 Datasheet(PDF) 2 Page - Level One

Part # USB-0502
Description  A single USB port 10/100/1000Mbps wire speed transmission and reception Built-in 3-Port Super Speed USB 3.0 hub
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

USB-0502 Datasheet(HTML) 2 Page - Level One

  USB-0502 Datasheet HTML 1Page - Level One USB-0502 Datasheet HTML 2Page - Level One USB-0502 Datasheet HTML 3Page - Level One USB-0502 Datasheet HTML 4Page - Level One USB-0502 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Key Features
- Provides an Internet connection through a single USB port
- 10/100/1000Mbps wire speed transmission and reception
- Built-in 3-Port Super Speed USB 3.0 hub
- Compatible with USB 3.0 / 2.0 standards
- 4K jumbo frames to increase data transfer rates
- Built-in Wake-on-LAN feature to startup/shutdown computers remotely
- Supports IPv4/IPv6 network operation
- No additional power supply required
- IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
- Minimize carbon footprint with advanced energy efficient technology (IEEE 802.3az)
- Supports Windows XP / Vista / 7 / 8, Mac OS X 10. 6 / 7 / 8
Works Well With
FSW-0508TX
5-Port Fast Ethernet Switch
WAP-6013
300Mbps Wireless Access Point
Specifications
System Specifications
Connectors and Cabling:
USB 3.0 (2.0 Compliant)
1 x 10/100/1000Base-T Auto-MDIX RJ-45 Port
3 x USB3.0/USB2.0 Type A female downstream port
Indicator:
Green: LAN Connected
Amber: LED on when connected to a 1000Mbps; Off when connected to a 100/10Mbps network
Power:
Power Consumption (W): Operating Mode: 2.5W
Suspend Mode: 0.4W
Power Input: USB Bus -powered DC5V/900mA
Standards & Protocols:
General: IEEE 802.3: 10Base-T (Ethernet)
IEEE 802.3u: 100Base-TX (Fast Ethernet)
IEEE 802.3ab: 1000Base-T (Gigabit Ethernet)
IEEE 802.3x Flow Control (full-duplex flow control)
IEEE 802.3az Energy Efficient Ethernet
Features
General:
IPv6: IPv4/IPv6 network operation
Management:
Power: Wake-on-LAN
www.level1.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com